Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 5 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 5 Page - ASIX Electronics Corporation

  AX88872P Datasheet HTML 1Page - ASIX Electronics Corporation AX88872P Datasheet HTML 2Page - ASIX Electronics Corporation AX88872P Datasheet HTML 3Page - ASIX Electronics Corporation AX88872P Datasheet HTML 4Page - ASIX Electronics Corporation AX88872P Datasheet HTML 5Page - ASIX Electronics Corporation AX88872P Datasheet HTML 6Page - ASIX Electronics Corporation AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ASIX ELECTRONICS CORPORATION
5
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
1.2 AX88872 Block Diagram:
10/100
Q-PHY
10/100
Q-PHY
RMII
I/F
RMII /MII
translation
for Repeater
Port 0 -7
Repeater State
Machine of 100Mbps
Led Interface
Cascade
Arbitration Logic
of 100Mbps
Repeater State
Machine of 10Mbps
Cascade
Arbitration Logic
of 10Mbps
Per Port Jabber
Detection
Per Port Partition
Detection
Built in 4 Port
Switch
P0
P1
P2
P3
RMII /MII
translation
for Switch
Port 0 and 1
Ext SSRAM
Interface
For up link
For down link
or server
Fig - 1 AX88872 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com