Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 21 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 21 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation AX88872P Datasheet HTML 21Page - ASIX Electronics Corporation AX88872P Datasheet HTML 22Page - ASIX Electronics Corporation AX88872P Datasheet HTML 23Page - ASIX Electronics Corporation AX88872P Datasheet HTML 24Page - ASIX Electronics Corporation AX88872P Datasheet HTML 25Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ASIX ELECTRONICS CORPORATION
21
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
Notes:
a.
PART7~0indicates partition status for each port
b.
JAB7~0 indicates jabber status for each port
c.
ACT7~0 indicates activity status for each port
d.
RID3~0 is the ID of repeater chip
e.
10M UTI5~0 indicate global utilization rate of 10Mbps for each 104.8ms sampling period.
f.
100M UTI5~0 indicate global utilization rate of 100Mbps for each 104.8ms sampling period.
g.
SW UTI5~0 indicate global utilization rate of Switch packet buffers for each 104.8ms sampling period.
h.
RAM FAIL : Switch RAM test fail.
It has to use external shift register to decode data on LED[1:0]. The application shows as follows:
74LS164(#1)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
LED[0]
LED_CK
74LS164(#3)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
74LS164(#2)
Q
0
Q
1
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
D
Fig - 3
Application for LED display
If the user don‘t want to show jabber status, take away the latter 74LS164(#2). The application is the same for
LED[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com