Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation AX88872P Datasheet HTML 10Page - ASIX Electronics Corporation AX88872P Datasheet HTML 11Page - ASIX Electronics Corporation AX88872P Datasheet HTML 12Page - ASIX Electronics Corporation AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ASIX ELECTRONICS CORPORATION
12
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
2.5 LED Display
Signal Name
Type Pin No.
Description
LED[1:0]
O
85, 84
Those signals indicate each port‘s statuses (such as activity, jabber and
partition) and global information(such as Collision , Repeater ID,
Utilization ) in sequence. For detail , see the LED timing specification
The utilization of 100M segment and 10M segment are using the same scale.
The Utilization % display define as following : (See also Note 1)
1: Led off
0: Led on
The buffer utilization of internal switch uses the following definition:
1: Led off
0: Led on
LED[0] : This signal also indicates SRAM chip 0 fail ( continue active low )
and 100M repeater collision ( Blinking ) during the interval of sequence shift
data.
LED[1] : This signal also indicates SRAM chip 1 fail ( continue active low )
and 10 M repeater collision ( Blinking ) during the interval of sequence shift
data.
LED_CK
O
86
LED Clock : The signal is a discontinue clock for LED signals serial shift
out. The clock period width is 400nS and last 32 cycle with every 52.4ms
repeated.
Utilization %
UTI0
UTI1
UTI2
UTI3
UTI4
UTI5
0
1
1
1
1
1
1
1
0
1
1
1
1
1
5
0
0
1
1
1
1
10
0
0
0
1
1
1
15
0
0
0
0
1
1
30
0
0
0
0
0
1
60
0
0
0
0
0
0
Utilization %
UTI0
UTI1
UTI2
UTI3
UTI4
UTI5
0
1
1
1
1
1
1
10
0
1
1
1
1
1
20
0
0
1
1
1
1
40
0
0
0
1
1
1
60
0
0
0
0
1
1
80
0
0
0
0
0
1
95
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com