Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 28Page - ASIX Electronics Corporation AX88872P Datasheet HTML 29Page - ASIX Electronics Corporation AX88872P Datasheet HTML 30Page - ASIX Electronics Corporation AX88872P Datasheet HTML 31Page - ASIX Electronics Corporation AX88872P Datasheet HTML 32Page - ASIX Electronics Corporation AX88872P Datasheet HTML 33Page - ASIX Electronics Corporation AX88872P Datasheet HTML 34Page - ASIX Electronics Corporation AX88872P Datasheet HTML 35Page - ASIX Electronics Corporation AX88872P Datasheet HTML 36Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ASIX ELECTRONICS CORPORATION
35
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
Appendix B: Design Note
B.1 Using Station Management (STA) Connection
There are two methods to get two switch port speed and duplex information in AX88872 . One way is by hardware pins
such as SPEED0, SDUPLEX0, SPEED1, SDUPLEX1. AX88872 also provides 2 pins (MDC and MDIO, STA – Station
Management connection) to read PHY Auto Negotiation Remote Capability register to get current speed and duplex
status. For the PHY connected to repeater ports must be configured by STA write function. In a word, AX88872 use STA
read function to get PHY register status for switch port and use STA write function to program PHY register for hub port.
The address setting of PHY must be fixed as follows:
Application 1: 8 hub ports + 2 switch ports application
RP : repeater port
SP : switch port
RP0
RP1
RP2
RP3
RP4
RP5
RP6
RP7
SP0
SP1
04h
05h
06h
07h
08h
09h
0ah
0bh
0fh
10h
The corresponding option setting
/RdPhy_En = 0, WrPhyNo_S = 1, WrPhyStrAddr = 1
Application 2: 6 hub ports + 2 switch ports application
RP : repeater port
SP : switch port
RP0
RP1
RP2
RP3
RP4
RP5
SP0
SP1
18h
19h
1ah
1bh
1ch
1dh
1eh
1fh
The corresponding option setting
/RdPhy_En = 0, WrPhyNo_S = 0, WrPhyStrAddr = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com