Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 12Page - ASIX Electronics Corporation AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ASIX ELECTRONICS CORPORATION
16
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
1 : Disable flow control function.
/ FlowCtl _En2
STXD0[2]
P2 Flow Control Enable : Enable flow control function of switch port 2
(Link to 100Mbps repeater port), back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/ FlowCtl _En1
STXD0[1]
P1 Flow Control Enable : Enable flow control functions of switch port 1,
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/FlowCtl_En0
STXD0[0]
P0 Flow Control Enable : Enable flow control function of switch port 0,
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
Speed_S2
TXD7[1]
Speed Setting for Repeater Port 0 to Port 7 :
0 : SPEED0~7 pin is Low for 10M,high for 100M
1 : SPEED0~7 pin is Low for 100M,high for 10M
Speed_S1
STXD1[2]
Speed Setting for Switch Port 1 : It is useful for switch port 1 in RMII mode
Don’t care the setting when switch port 1 is in MII mode.
0 : SCOL_SP1 pin is Low for 10M,high for 100M
1 : SCOL_SP1 pin is Low for 100M,high for 10M
Speed_S0
STXD1[1]
Speed Setting for Switch Port 0 : It is useful for switch port 0 in RMII mode
Don’t care the setting when switch port 0 is in MII mode.
0 : SCOL_SP0 pin is Low for 10M,high for 100M
1 : SCOL_SP0 pin is Low for 100M,high for 10M
FdpxHi_S1
STXD1[0]
Duplex Setting for Switch Port 1 : Switch Port 1 “SDUPLEX1”
pin
function select
0 : SDUPLEX1 pin is low for half duplex,high for full duplex
1 : SDUPLEX1 pin is low for full duplex,high for half duplex
FdpxHi_S0
STXEN1
Duplex Setting for Switch Port 0 : Switch Port 0 “SDUPLEX0” pin function
selection
0 : SDUPLEX0 pin is low for half duplex,high for full duplex
1 : SDUPLEX0 pin is low for full duplex,high for half duplex
LRID_S1
LRID_S0
TXD5[1]
TXD5[0]
Local Repeater ID Selection :
LRID_S1
LRID_S0
LRID No.
1
1
0
1
0
1
0
1
2
0
0
reserved
/871_En
TXEN6
AX88871A Compatible Enable :
0 : Enable AX88871A compatible mode
1 : Disable AX88871A compatible mode
/RdPhy_En
TXD6[0]
MDIO read PHY Register 05h Information
0 : Enable
1 : Disable
WrPhyNo_S
TXD4[1]
MDIO Write PHY Number Selection
1 : MDIO Write 8 PHY address
0 : MDIO Write 6 PHY address ( for 6R+2S application )
WrPhyRegNo_S
TXD4[0]
MDIO Write PHY Register Number Selection
0 : MDIO Write 2 Registers ( 04h, 00h )
1 : MDIO Write 3 Registers ( 10h, 04h, 00h )
WrPhyStrAddr
TXD3[1]
MDIO Write PHY Starting Address
0 : MDIO Write PHY from address 18h ( 18h to 1Fh )
1 : MDIO Write PHY from address 04h ( 04h to 0Bh )
PktLenOpt
TXD3[0]
Maximun Packet Length Selection
0 : 1522 Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com