Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88872P Datasheet HTML 1Page - ASIX Electronics Corporation AX88872P Datasheet HTML 2Page - ASIX Electronics Corporation AX88872P Datasheet HTML 3Page - ASIX Electronics Corporation AX88872P Datasheet HTML 4Page - ASIX Electronics Corporation AX88872P Datasheet HTML 5Page - ASIX Electronics Corporation AX88872P Datasheet HTML 6Page - ASIX Electronics Corporation AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ASIX ELECTRONICS CORPORATION
4
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
1.0 AX88872 Overview
1.1 General Description
The AX88872 that built in a switch is not only a simple repeater but also it provide 2 repeater expansion buses for
10M and 100M respectively. So the cascade function of the AX88872 can be backward compatible with the AX88871A
“Bripeater” in virtual switch mode. Also the AX88872 can support Master/Slave mode in stack application. That all the
repeater stack system forms one 100Mbps segment and one 10Mbps segment in Master/Slave mode. The two segments
are communication via the switch of the master chip.
In general, using RMII interface for 8 repeater ports can simplify the design and also provide a low cost solution with
RMII Quad/Octet PHY and low cost 64Kx32 SSRAM as buffer memory. In additional, the AX88872 provides two
10/100M MII/RMII switch ports alternative for up-link and down-link function. AX88872 has counterpart AX88873
that is a simple dual-speed repeater controller without built-in switch.
The switch port3 is fixed to 10Mbps speed and connect to 10Mbps repeater segment, The switch port2 is fixed to
100Mbps and connect to 100M repeater segment. The other switch ports 0 and 1 are connected to external MII or RMII
interfaces for various applications.
The built-in switch provides 4/8K look-up table that can learn, route and age with MAC address of each packet
automatically for packet forwarding and filtering. That is, the AX88872 forwards and filters packets with DA
(Destination Address) and the table. The performances of routing and learning fit wire speed (148800 packets/sec at
100Mbps). The switch provides three packet forwarding mode: Store-and-Forward, Fragment-Free (i.e., safe cut-
through) and auto mode. Dynamically the switch selects optimum mode for packet forwarding based on network quality.
During transmission, the data is obtained from the buffer memory and routed to the destination port. For half-duplex
operation, when collision occurs, the MAC controller will back off and retransmit in accordance to the IEEE802.3
specification. The switch also support flow-control mechanism. For full duplex operation mode, 802.3x flow control is
supported. For half-duplex operation, an optional jamming based flow control is available to avoid loss of data. This is
also well known as back-pressure. The flow control function is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com