Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88872P Datasheet HTML 1Page - ASIX Electronics Corporation AX88872P Datasheet HTML 2Page - ASIX Electronics Corporation AX88872P Datasheet HTML 3Page - ASIX Electronics Corporation AX88872P Datasheet HTML 4Page - ASIX Electronics Corporation AX88872P Datasheet HTML 5Page - ASIX Electronics Corporation AX88872P Datasheet HTML 6Page - ASIX Electronics Corporation AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : APR/09/1999
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88872P
10/100BASE Dual Speed “Swipeater” Controller
10/100BASE Dual Speed 8-Port Repeater with 4-Port Switch
Document No.: AX872-13 / V1.3 / Aug. 11 ’99
Features
Support 8 10/100Mbps RMII I/F repeater ports and
2 10/100Mbps RMII/MII switch ports
IEEE 802.3u repeater compatible
Support virtual switch mode and Master/Slave
mode for the cascade application
Build in 4-ports 10/100Mbps Switch engine with
following features
ü Low cost SSRAM interface to reduce system cost
ü One or two 64K*32bit SSRAM to buffer packets
ü 4/8 K MAC Address Entry Table is supported
ü Auto learning and filtering
ü Aging the MAC Address table is supported
optionally
ü Three forwarding modes are supported : Store-
and-Forward, Fragment-Free and Auto-Forward
ü Flow-control is supported optionally.
ü 802.3x flow control is supported in full duplex
mode
ü Back-pressure base flow control is supported in
half duplex mode
ü Ext. Buffer Memory auto testing
ü Routing and Learning at wire speed (148800
packets/sec at 100Mbps)
Up-to 4 repeaters can be cascaded for vertical
expansion
Up-to 3 chips can be cascaded locally for horizontal
expansion
All ports can be separately isolated or partitioned in
response to fault condition
Separate jabber and partition state machines for
each port
Per-port
LED
display
for
Jabber,
Partition,
Activity. RAM test fail and collision, buffer
utilization (%) and global traffic utilization (%) for
10/100Mbps presentation
Power on LED diagnosis. All the LED display will
follow the “ON-OFF-ON-OFF-Normal” operation
procedure during/after power on reset
50MHz Operation, 3.3volt and 208-pin PQFP
Product description
The AX88872 10/100Mbps Dual Speed “Swipeater” Controller is “a dual speed repeater with build in 4-ports
switch function” It is design for low cost dumb HUB application. The AX88872 directly supports up-to eight
10/100Mbps automatic links RMII interfaces. Maximum up-to 96 repeater ports can be constructed by stacking 1
AX88872 and 2 AX88873 chips horizontally and then cascading 4 horizontal boards vertically. About the build in
4-port switch: The switch port3 is fixed to 10Mbps speed and connects to 10Mbps repeater segment, The switch port2
is fixed to 100Mbps and connects to 100M repeater segment. The switch ports 0 and 1 are connected to external MII
or RMII interfaces for various applications. For example, one port is used for down link and the other is used for up
link to extend the network topology. The other case is one port for up link and the other port for server. The AX88872
is designed base on IEEE 802.3u clause 27 “ Repeater for 100Mb/s base-band networks” It is fully compatible with
IEEE 802.3u standard. Please refer Ax873-12.doc to get more information about AX88873.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify the product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88873 #1
Repeater Controller
Buffer
100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade up to 4 stacks
AX88873 #0
Repeater Controller
AX88872 #0
Swipeater Controller
10Mbps horizontal cascade
2 Quad RMII PHY
2 Quad RMII PHY
2 Quad RMII PHY
PHY for Up-link
PHY for Down-link or Server


Similar Part No. - AX88872P

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88871AP ASIX-AX88871AP Datasheet
391Kb / 30P
10/100BASE Dual Speed Bripeater Controller
AX88873P ASIX-AX88873P Datasheet
197Kb / 21P
10/100BASE Dual Speed 8-Port Repeater
AX88875AP ASIX-AX88875AP Datasheet
289Kb / 23P
10/100BASE 5-Port Dual Speed Bripeater Controller
More results

Similar Description - AX88872P

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88875AP ASIX-AX88875AP Datasheet
289Kb / 23P
10/100BASE 5-Port Dual Speed Bripeater Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88871AP ASIX-AX88871AP Datasheet
391Kb / 30P
10/100BASE Dual Speed Bripeater Controller
AX88873P ASIX-AX88873P Datasheet
197Kb / 21P
10/100BASE Dual Speed 8-Port Repeater
logo
XFMRS Inc.
XFATM8Q14D XFMRS-XFATM8Q14D Datasheet
52Kb / 1P
10/100BASE-TX DUAL
XFATM8Q14D XFMRS-XFATM8Q14D Datasheet
52Kb / 1P
10/100BASE-TX DUAL
XFATM8Q14D XFMRS-XFATM8Q14D_15 Datasheet
52Kb / 1P
10/100BASE-TX DUAL
XFATM8Q15D XFMRS-XFATM8Q15D Datasheet
53Kb / 1P
10/100BASE-TX DUAL XFMR
XFATM8QS15D XFMRS-XFATM8QS15D Datasheet
64Kb / 1P
10/100BASE-TX DUAL XFMR
XFATM8QS15G XFMRS-XFATM8QS15G Datasheet
63Kb / 1P
10/100BASE-TX DUAL XFMR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com