Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 2Page - ASIX Electronics Corporation AX88872P Datasheet HTML 3Page - ASIX Electronics Corporation AX88872P Datasheet HTML 4Page - ASIX Electronics Corporation AX88872P Datasheet HTML 5Page - ASIX Electronics Corporation AX88872P Datasheet HTML 6Page - ASIX Electronics Corporation AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation AX88872P Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ASIX ELECTRONICS CORPORATION
6
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
1.3 Pin Connection Diagram
Fig - 2 Pin Connection Diagram
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
97
98
99
100
101
102
103
104
208
207
206
205
204
203
202
201
200
199
197
198
196
195
194
193
192
191
190
188
189
187
186
185
184
183
182
181
179
180
178
177
176
175
174
173
172
170
171
169
168
167
166
165
164
163
161
162
160
159
158
157
53
VSS
VDD
VSS
LED_CK
VSS
VDD
VSS
LED<1>
LED<0>
VSS
TXEN0
TXD0[0]
TXD0[1]
RXD0[0]
RXD0[1]
CRS_DV0
TXEN1
CRS_DV1
TXD1[0]
TXD1[1]
RXD1[0]
RXD1[1]
CRS_DV2
RXD2[0]
TXEN2
TXD2[0]
RXD2[1]
TXD2[1]
TXD7[0]
TXEN7
TXD7[1]
TIRD[1]
TIRD_CK
/TIRD_V
TIRD[0]
TIRD_ODIR
AX88872
MDIO
MDC
SRXCLK1
SRXD1[2]
SCRS1
SRXDV1
SRXD1[0]
SRXD1[1]
SRXD1[3]
STXD1[0]
STXD1[1]
STXD1[3]
STXEN1
STXD1[2]
STXCLK1
SCOL_SP1
STXD0[1]
STXEN0
STXCLK0
STXD0[0]
STXD0[3]
SRXCLK0
STXD0[2]
SCOL_SP0
SRXDV0
SCRS0
BMA12
VSS
BMA14
BMA15
BMA16
BMA13
BMD7
BMD3
BMD5
BMD2
BMD6
BMD1
BMD0
BMD4
BMD15
BMD11
BMD13
BMD10
BMD14
BMD9
BMD8
BMD12
BMA9
BMA8
/BMOE
/BMWE
BMCLK
VDD
SDUPLEX1
DAISY_IN
DAISY_OUT
LCLK
NC
/RST
/TEST
VDD
VSS
REF_CLK
SDUPLEX0
SPEED0
SPEED1
SPEED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com