Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 25Page - ASIX Electronics Corporation AX88872P Datasheet HTML 26Page - ASIX Electronics Corporation AX88872P Datasheet HTML 27Page - ASIX Electronics Corporation AX88872P Datasheet HTML 28Page - ASIX Electronics Corporation AX88872P Datasheet HTML 29Page - ASIX Electronics Corporation AX88872P Datasheet HTML 30Page - ASIX Electronics Corporation AX88872P Datasheet HTML 31Page - ASIX Electronics Corporation AX88872P Datasheet HTML 32Page - ASIX Electronics Corporation AX88872P Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
ASIX ELECTRONICS CORPORATION
29
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
5.4.7 LED DISPLAY
T3
LED_CK
--------
-
-------
D0
D1
D2
..............
D22
D23
D0
D1
D2
T4
T3
LED_CK
T1
T2
LED[1:0]
D0
D1
D2
D3
-------
D15
D0
Symbol
Description
Min
Typ.
Max
Units
T1
LED setup to LED_CK High
190
200
ns
T2
LED hold from LED_CK High
200
210
ns
T3
LED_CK Period Width
400
ns
T4
LED_CK Cycle burst out period
52.4
ms
5.4.8 LED Display after Reset
/Reset
T1
T2
T2
T2
T3
LED[2:0]
Symbol
Description
Min
Typ.
Max
Units
T1
Repeater reset time
1000
ns
T2
LED Blink Time After Reset
838.4
ms
T3
LED Dark Time Before Normal Display
419.2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com