Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 28Page - ASIX Electronics Corporation AX88872P Datasheet HTML 29Page - ASIX Electronics Corporation AX88872P Datasheet HTML 30Page - ASIX Electronics Corporation AX88872P Datasheet HTML 31Page - ASIX Electronics Corporation AX88872P Datasheet HTML 32Page - ASIX Electronics Corporation AX88872P Datasheet HTML 33Page - ASIX Electronics Corporation AX88872P Datasheet HTML 34Page - ASIX Electronics Corporation AX88872P Datasheet HTML 35Page - ASIX Electronics Corporation AX88872P Datasheet HTML 36Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ASIX ELECTRONICS CORPORATION
32
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
Appendix A: System Applications
Some typical applications for AX88872 are illustrated bellow.
A.1 16-port (24-port) repeater with 2-port switch
Note : Add additional AX88873 to build a 24-port repeater
A.2 16-port repeater with up to 4 stacks
AX88873 #1
Repeater Controller
Buffer
100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade up to 4 stacks
AX88872 #0
Swipeater Controller
10Mbps horizontal cascade
2 Quad RMII PHY
2 Quad RMII PHY
PHY for Up-link
PHY for Down-link or Server
AX88873 #1
Repeater Controller
Buffer
100Mbps horizontal cascade
10Mbps and 100Mbps Vertical cascade up to 4 stacks
AX88872 #0
Swipeater Controller
10Mbps horizontal cascade
2 Quad RMII PHY
2 Quad RMII PHY
PHY for Up-link
PHY for Down-link or Server
AX88873 #1
Repeater Controller
Buffer
100Mbps horizontal cascade
AX88872 #0
Swipeater Controller
10Mbps horizontal cascade
2 Quad RMII PHY
2 Quad RMII PHY
PHY for Up-link
PHY for Down-link or Server
Repeater #0
Master
Repeater #3
Slave
Repeater #1,#2
Slave (omitted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com