Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 16Page - ASIX Electronics Corporation AX88872P Datasheet HTML 17Page - ASIX Electronics Corporation AX88872P Datasheet HTML 18Page - ASIX Electronics Corporation AX88872P Datasheet HTML 19Page - ASIX Electronics Corporation AX88872P Datasheet HTML 20Page - ASIX Electronics Corporation AX88872P Datasheet HTML 21Page - ASIX Electronics Corporation AX88872P Datasheet HTML 22Page - ASIX Electronics Corporation AX88872P Datasheet HTML 23Page - ASIX Electronics Corporation AX88872P Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ASIX ELECTRONICS CORPORATION
20
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
threshold, the MAC of port will send out a PAUSE frame with maximum delay. The switch will send out a PAUSE
frame with zero delay after below FlowControlActive threshold.
For the receiving channel, the switch will not transmit the next packet whenever received a PAUSE frame with non-zero
delay. The switch will resume packet transmission either after the pause timer expired or a PAUSE frames with zero
delay received.
In half-duplex mode, the switch will receive and transmit the packet in accordance to 802.3 CSMA/CD. If the occupancy
of the buffer memory is above the FlowControlActive threshold, the MAC of port will send out JAM pattern .
3.6 LED Display Interface
AX88872 provides per-port LED status indication for partition, jabber, activity and support rate - based LED
for 10 and 100Mbps segments utilization (%) and switch buffer utilization (%) . All LED[1:0] perform active
low.
LED[1:0] Status Driver Wave-form as follows :
JAB7
JAB6
JAB5
JAB4
JAB3
JAB2
JAB1
JAB0
LED_CK
LED[0]
LED[0]
Continue
LED[1]
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D12
D13
D14
D10
D15
ACT0
ACT1
ACT2
ACT3
ACT4
ACT5
ACT6
ACT7
10M
UTI0
10M
UTI1
10M
UTI2
10M
UTI3
10M
UTI4
10M
UTI5
100M
UTI0
100M
UTI2
100M
UTI3
100M
UTI4
100M
UTI5
100M
UTI1
LED[1]
Continue
PART
7
PART
6
PART
0
PART
1
PART
2
PART
3
PART
4
PART
5
SW
UTI0
SW
UTI1
SW
UTI2
SW
UTI3
SW
UTI4
SW
UTI5
SW
ACT0
SW
ACT1
RID0
RID1
RID2
RID3
D16
D19
D20
D21
D22
D18
D23
D17
( This portation no clock presented )
Chip 0 Memory Test Fail and/or 100M Collision
Chip 1 Memory Test Fail and/or 10M Collision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com