Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88872P Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88872P
Description  10/100BASE Dual Speed ?쏶wipeater??Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88872P Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88872P Datasheet HTML 7Page - ASIX Electronics Corporation AX88872P Datasheet HTML 8Page - ASIX Electronics Corporation AX88872P Datasheet HTML 9Page - ASIX Electronics Corporation AX88872P Datasheet HTML 10Page - ASIX Electronics Corporation AX88872P Datasheet HTML 11Page - ASIX Electronics Corporation AX88872P Datasheet HTML 12Page - ASIX Electronics Corporation AX88872P Datasheet HTML 13Page - ASIX Electronics Corporation AX88872P Datasheet HTML 14Page - ASIX Electronics Corporation AX88872P Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ASIX ELECTRONICS CORPORATION
11
CONFIDENTIAL
AX88872P Swipeater Controller
PRELIMINARY
2.3 Expansion Bus Interface for 100 Mbps
Signal Name
Type Pin No.
Description
HIRD[3:0]
I/O/Z
/PU
156, 155
154, 153
INTER REPEATER DATA : Nibble data input/output. Transfer data from
the “active” AX88872/3 to all other “inactive” AX88872/3 chips. The bus-
master of the IRD bus is determined by IR_ACT bus arbitration.
/HIRD_V
I/O/Z
/PU
152
INTER REPEATER DATA VALID : This signal reflects the RX_DV
status of the active port. Used to frame good packets.
HIRD_CK
I/O/Z
/PU
151
INTER REPEATER CLOCK VALID : All inter repeater signals are
synchronized to the rising edge of this clock.
HIRD_ODIR
O
150
INTER REPEATER DATA IN/OUT DIRECTION :
This pin indicates the direction of IRD data .
“High” = HIRD[3:0], /HIRD_V , HIRD_CK are Output.
“Low” = HIRD[3:0], /HIRD_V , HIRD_CK are Input.
/LHIR_ACT[2:0]
I/O/OC 128, 126
125
LOCAL REPEATER ACTIVITY IN/OUT : the function is the same as
/HIR_ACTO[3:0] but for local repeater activity only.
/HIR_ACTI[3:0]
I/PU
132, 131
130, 129
INTER REPEATER ACTIVITY IN: These pins perform the same
function as /HIR_ACTO[3:0] when they serve as input function. Then the
/HIR_ACTO[3:0] insert external buffers the input function must be replaced
with /HIR_ACTI [3:0].
/HIR_ACTO[3:0]
I/O/OC 148, 147
146, 145
INTER REPEATER ACTIVITY IN/OUT: The local repeater activity
appearance, the signal of the related RID (Repeater ID) will be asserted and
as an output pin. All other pins serve as input pins but except the collision
conditions. When collision occurs , the signal of related (RID-1) pins will
also serve as outputs and will active during local collision period. The
exception case is when RID = 0, then (RID-1) is replaced with (RID+1).
2.4 Expansion Bus Interface for 10 Mbps
Signal Name
Type Pin No.
Description
TIRD[3:0]
I/O/Z
/PU
106, 105
103, 102
INTER REPEATER DATA : Nibble data input/output. Transfer data from
the “active” AX88872/3 to all other “inactive” AX88872/3 chips. The bus-
master of the IRD bus is determined by IR_ACT bus arbitration.
/TIRD_V
I/O/Z
/PU
100
INTER REPEATER DATA VALID : This signal reflects the RX_DV
status of the active port. Used to frame good packets.
TIRD_CK
I/O/Z
/PU
99
INTER REPEATER CLOCK VALID : All inter repeater signals are
synchronized to the rising edge of this clock.
TIRD_ODIR
O
95
INTER REPEATER DATA IN/OUT DIRECTION :
This pin indicates the direction of data for external transceiver.
“High” = TIRD[3:0], /TIRD_V , TIRD_CK are Output.
“Low” = TIRD[3:0], /TIRD_V , TIRD_CK are Input.
/LTIR_ACT[2:0]
I/O/OC 109, 108
107
LOCAL REPEATER ACTIVITY IN/OUT : the function is the same as
/TIR_ACTO[3:0] but for local repeater activity only.
/TIR_ACTI[3:0]
I/PU
119, 118
117, 116
INTER REPEATER ACTIVITY IN: These pins perform the same
function as /HIR_ACTO[3:0] when they serve as input function. Then the
/HIR_ACTO[3:0] insert external buffers the input function must be replaced
with /HIR_ACTI [3:0].
/TIR_ACTO[3:0]
I/O/OC 124, 123
121,120
INTER REPEATER ACTIVITY IN/OUT: The local repeater activity
appearance, the signal of the related RID (Repeater ID) will be asserted and
as an output pin. All other pins serve as input pins but except the collision
conditions. When collision occurs , the signal of related (RID-1) pins will
also serve as outputs and will active during local collision period. The
exception case is when RID = 0, then (RID-1) is replaced with (RID+1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com