Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM2461EBRWZ-R7 Datasheet HTML 1Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 2Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 3 of 21
SPECIFICATIONS
All voltages are relative to the respective ground, 1.7 V ≤ VDD1 ≤ 5.5 V, 3.0 V ≤ VDD2 ≤ 5.5 V, TA = TMIN (−40°C) to TMAX (+125°C). All
minimum and maximum specifications apply over the entire recommended operation range, unless otherwise noted. All typical
specifications are at TA = 25°C, VDD1 = VDD2 = 3.3 V, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
PRIMARY SIDE SUPPLY CURRENT
IDD1 (Q)
0.6
1
mA
DE = 0 V
IDD1
2
8
mA
DE = VDD1
ISOLATED SIDE SUPPLY CURRENT
IDD2 (Q)
5
8
mA
VDD2 ≤ 3.6 V, DE = 0 V
5
8
mA
VDD2 ≥ 4.5 V, DE = 0 V
IDD2
6
9
mA
VDD2 ≤ 3.6 V, DE = VDD1
6
9
mA
VDD2 ≥ 4.5 V, DE = VDD1
ISOLATED SIDE DYNAMIC SUPPLY
CURRENT
IDD2 (DYN)
58
78
mA
VDD2 ≤ 3.6 V, load resistance (RL) = 54 Ω, DE =
VDD1, data rate = 500 kbps
100
145
mA
VDD2 ≥ 4.5 V, RL = 54 Ω, DE = VDD1, data rate =
500 kbps
DRIVER DIFFERENTIAL OUTPUTS
Differential Output Voltage, Loaded
|VOD2|
2.0
2.5
VDD2
V
VDD2 ≥ 3.0 V, RL = 100 Ω, see Figure 31
1.5
2.1
VDD2
V
VDD2 ≥ 3.0 V, RL = 54 Ω, see Figure 31
2.1
3.3
VDD2
V
VDD2 ≥ 4.5 V, RL = 54 Ω, see Figure 31
Over Common-Mode Range
|VOD3|
1.5
2.1
VDD2
V
VDD2 ≥ 3.0 V, −7 V ≤ common-mode voltage
(VCM) ≤ +12 V, see Figure 32
2.1
3.3
VDD2
V
VDD2 ≥ 4.5 V, −7 V ≤ VCM ≤ +12 V, see Figure 32
Δ|VOD2| for Complementary Output
States
Δ|VOD2|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 31
Common-Mode Output Voltage
VOC
1.5
3.0
V
RL = 54 Ω or 100 Ω, see Figure 31
Δ|VOC| for Complementary Output States
Δ|VOC|
0.2
V
RL = 54 Ω or 100 Ω, see Figure 31
Short-Circuit Output Current
IOS
−250
+250
mA
−7 V < output voltage (VOUT) < +12 V
Output Leakage Current (Y, Z)1
IO
1
50
μA
DE = RE = 0 V, VDD2 = 0 V or 5.5 V,
input voltage (VIN) = 12 V
−50
+10
μA
DE = RE = 0 V, VDD2 = 0 V or 5.5 V, VIN = −7 V
Pin Capacitance (A, B, Y, Z)
CIN
28
pF
VIN = 0.4sin(10πt × 106)
RECEIVER DIFFERENTIAL INPUTS
Differential Input Threshold Voltage,
Noninverted
VTH
−200
−125
−30
mV
−7 V < VCM < +12 V, INV or INVR = 0 V
Differential Input Threshold Voltage,
Inverted
30
125
200
mV
−7 V < VCM < +12 V, INV or INVR = VDD1
Input Voltage Hysteresis
VHYS
25
mV
−7 V < VCM < +12 V
Input Current (A, B)
II
167
μA
DE = 0 V, VDD2 = 0 V or 5.5 V, VIN = 12 V
−133
μA
DE = 0 V, VDD2 = 0 V or 5.5 V, VIN = −7 V
Pin Capacitance (A, B)
CIN
4
pF
VIN = 0.4sin(10πt × 106)
DIGITAL LOGIC INPUTS
Input Low Voltage
VIL
0.3 ×
VDD1
V
DE, RE, TxD, INV, INVR
Input High Voltage
VIH
0.7 × VDD1
V
DE, RE, TxD, INV, INVR
Input Current
II
−2
+0.01
+2
μA
DE, RE, TxD, VIN = 0 V or VDD1
−2
+10
+30
μA
INV, INVR, VIN = 0 V or VDD1
RxD DIGITAL OUTPUT
Output Voltage Low
VOL
0.4
V
VDD1 = 3.6 V, output current (IOUT) = 2.0 mA,
differential input voltage (VID) ≤ −0.2 V
0.4
V
VDD1 = 2.7 V, IOUT = 1.0 mA, VID ≤ −0.2 V
0.2
V
VDD1 = 1.95 V, IOUT = 500 μA, VID ≤ −0.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com