Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 16 of 21
THEORY OF OPERATION
ROBUST LOW POWER DIGITAL ISOLATOR
The ADM2461E/ADM2463E feature a low power, digital isolator
block to galvanically isolate the primary and secondary sides of the
device. The use of coplanar transformer coils with an on or off
keying modulation scheme allows high data throughput across
the isolation barrier while minimizing any radiated emissions.
This architecture provides a robust digital isolator with immunity
to common-mode transients >250 kV/μs across the full
temperature and supply range of the device. The digital isolator
circuitry features a flexible VDD1 power supply with an input
voltage range of 1.7 V to 5.5 V.
2
1
3
CHANNEL 2 (VCM)
CH1 2.0V
100ns/DIV
CH3 2.0V
CH2 1kV
CHANNEL 3 (RxD)
CHANNEL 1 (TxD)
Figure 39. Switching Correctly in the Presence of >250 kV/μs
Common-Mode Transients
HIGH DRIVER DIFFERENTIAL OUTPUT VOLTAGE
The ADM2461E/ADM2463E feature a proprietary transmitter
architecture with a low driver output impedance that results in
an increased differential output voltage. This architecture is useful
when operating the device at lower data rates over long cable
runs where the dc resistance of the transmission line dominates
the signal attenuation. In these applications, the increased
differential voltage extends the reach of the device to longer
cable lengths. When operated as a 5 V transceiver (VDD2 > 4.5 V),
the ADM2461E/ADM2463E meet or exceed the Profibus
requirement of a minimum 2.1 V differential output voltage.
IEC61000-4-2 ESD PROTECTION
ESD is the sudden transfer of electrostatic charge between bodies
at different potentials, which is either caused by near contact or
induced by an electric field. ESD has the characteristics of a high
current in a short time period. The primary purpose of the
IEC61000-4-2 test is to determine system immunity to external
ESD events outside the system during operation. IEC61000-4-2
describes testing using two coupling methods: contact discharge
and air discharge. Contact discharge implies a direct contact
between the discharge gun and the equipment under test (EUT).
During air discharge testing, the charged electrode of the discharge
gun is moved toward the EUT until a discharge occurs as an arc
across the air gap. The discharge gun does not make direct contact
with the EUT during air discharge testing. Factors including
humidity, temperature, barometric pressure, distance, and rate
of approach to the EUT affect the results and repeatability of
the air discharge test. Air discharge testing is a more accurate
representation of an actual ESD event than the contact discharge
method but is not as repeatable. Therefore, contact discharge is
the preferred test method. During testing, the EUT data port is
subjected to at least 10 positive and 10 negative single discharges.
Test voltage selection depends on the system end environment.
Figure 40 shows the 8 kV contact discharge current waveform,
as described in the IEC61000-4-2 specification. Waveform
parameters include rise times of <1 ns and pulse widths of ~60 ns.
tR = 0.7ns TO 1ns
IPEAK
I30ns
I60ns
30A
90%
16A
8A
10%
30ns
60ns
TIME
Figure 40. IEC61000-4-2 ESD Waveform (8 kV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com