Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 15 of 21
TEST CIRCUITS AND SWITCHING CHARACTERISTICS
A OR Y
B OR Z
TxD
VOD2
VOC
RL
RL
2
2
Figure 31. Driver Voltage Measurement, |VOD2|
A OR Y
B OR Z
TxD
VOD3
VCM
375Ω
60Ω
375Ω
Figure 32. Driver Voltage Measurement over
Common-Mode Range, |VOD3|
A OR Y
B OR Z
TxD
CL
CL
RL
Figure 33. Driver Propagation Delay Measurement
(See Figure 3 for Timing Diagram)
A OR Y
B OR Z
TxD
DE
S1
S2
VOUT
VDD2
RL
110Ω
CL
50pF
Figure 34. Driver Enable or Disable Time Measurement
(See Figure 5 for Timing Diagram)
RE
B
A
CL
VO
Figure 35. Receiver Propagation Delay Time Measurement
(See Figure 4 for Timing Diagram)
RE
RL
VDD1
S2
S1
+1.5V
–1.5V
RE
CL
Figure 36. Receiver Enable or Disable Time Measurement
(See Figure 6 for Timing Diagram)
VDD1
VDD2
RxD
A
R
TxD
VDD1
15pF
B
D
D
GND1
500kbps
GND1
GND1
GND2
VCM ≥ 1kV
dv/dt ≥ 250kV/µs
DE = VDD1
RE = GND1
ISOLATION
BARRIER
120Ω
ADM2461E
GND1
Figure 37. CMTI Test Diagram, Half-Duplex
A
B
Z
Y
120Ω
VDD1
VDD2
RxD
TxD
VDD1
15pF
D
D
GND1
500kbps
GND1
GND1
GND2
VCM ≥ 1kV
dv/dt ≥ 250kV/µs
ADM2463E
DE = VDD1
RE = GND1
ISOLATION
BARRIER
GND1
R
Figure 38. CMTI Test Diagram, Full Duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com