Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 20Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 18 of 21
DRIVER AND RECEIVER CABLE INVERSION
The ADM2461E/ADM2463E feature cable inversion
functionality to correct for errors during installation. This
adjustment can be implemented in the software on the controller
driving the RS-485 transceiver to avoid installation costs to fix
wiring errors. The ADM2463E full duplex transceiver features a
receiver cable invert pin, INVR, that can be used to correct
receiver functionality in cases where connections to the A and
B pins are made in reverse. The ADM2461E half-duplex
transceiver features a single cable invert logic input pin, INV, that
inverts the driver and receiver to correct for reversed connections
to the A and B pins. When the receiver is inverted, the device
maintains a Logic 1 receiver output with a 30 mV noise margin
when inputs are shorted together or open-circuit. Figure 42
shows the receiver output in inverted and noninverted cases.
+30mV
PHASE INVERTED RS-485
INVR = H
NONINVERTED
RS-485
INVR = L
+200mV
–30mV
–200mV
A – B
FAIL-SAFE
FAIL-SAFE
0
IN
1
1
0
Figure 42. Noninverted RS-485 and Phase Inverted RS-485 Comparison
HOT SWAP INPUTS
When a circuit board is inserted into a powered (or hot)
backplane, parasitic coupling from supply and ground rails to
digital inputs can occur. The ADM2461E/ADM2463E contain
circuitry to ensure that the RS-485 driver outputs remain in a
high impedance state during power-up, and then default to the
correct states. For example, when VDD1 and VDD2 power up at the
same time and the RE pin is pulled low with the DE and TxD pins
pulled high, the A and B outputs remain in high impedance until
the outputs settle at an expected default high for the A pin and
expected default low for the B pin.
192 TRANSCEIVERS ON THE BUS
The standard RS-485 receiver input impedance is 12 kΩ (1 unit
load) and the standard driver can drive up to 32 unit loads.
The ADM2461E/ADM2463E transceivers have a 1/6 unit
load receiver input impedance (equivalent to 72 kΩ) that
allows up to 192 transceivers to be connected in parallel on one
communication line. Any combination of these devices and
other RS-485 transceivers with a total of 32 unit loads or fewer can
be connected to the line.
DRIVER OUTPUT PROTECTION
The ADM2461E/ADM2463E have two methods to prevent
excessive output current and power dissipation caused either by
faults or by bus contention. Current-limit protection on the output
stage provides immediate protection against short circuits over the
entire common-mode voltage range. In addition, a thermal
shutdown circuit forces the driver outputs into a high impedance
state if the die temperature rises excessively. This circuitry disables
the driver outputs when a die temperature of 150°C is reached.
As the device cools, the drivers are re-enabled at a temperature
of 140°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com