Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 2Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 6 of 21
PACKAGE CHARACTERISTICS
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Resistance (Input to Output)1
RI-O
1013
Ω
Capacitance (Input to Output)1
CI-O
2.2
pF
Test frequency = 1 MHz
Input Capacitance2
CI
3.0
pF
1 The device is considered a 2-terminal device. Short together Pin 1 through Pin 8 and short together Pin 9 through Pin 16 to set the device up as a 2-terminal device during testing.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
For additional information, see www.analog.com/icouplersafety.
Table 4. ADM2461E/ADM2463E Approvals
UL (Pending)
CSA (Pending)
VDE (Pending)
CQC (Pending)
Recognized Under UL 1577
Component Recognition
Protection1
Approved under CSA Component
Acceptance Notice 5A
To be certified under
DIN V VDE 0884-112
Certified under CQC11-
471543-2012
Single Protection, 5700 V rms
CSA 60950-1-07+A1+A2 and
IEC 60950-1, second edition, +A1+A2
Basic insulation
GB4943.1-2011
Basic insulation at 800 V rms (1131 V peak)
Working voltage (VIOWM) = 875 V rms
Basic insulation at 800 V rms
(1131 V peak)
Reinforced insulation at 400 V rms
(565 V peak)
Repetitive maximum voltage (VIORM) = 1237 V peak
Reinforced insulation at
400 V rms (565 V peak)
CSA 62368-1-14, EN 62368-1:2014/A11:2017
and IEC 62368-1: 2014 second edition
Surge isolation voltage (VIOSM) = 10 kV peak
Basic insulation at 800 V rms
(1131 V peak)
Highest allowable overvoltage (VIOTM) = 8000 V peak
Reinforced insulation at 400 V rms
(565 V peak)
Reinforced insulation
IEC 60601-1 Edition 3.1
VIOWM = 750 V rms
1 means of patient protection
(1 MOPP), 400 V rms (565 V peak)
VIORM = 1060 V peak
2 MOPP, 250 V rms (353 V peak)
VIOSM = 6.25 kV peak
1 MOPP or 2 MOPP, 400 V rms (565 V peak)
VIOTM = 8000 V peak
CSA 61010-1-12 and IEC 61010-1 third edition
Basic insulation at 300 V rms mains, 800 V rms
(1131 V peak) from secondary circuit
Reinforced insulation at 300 V rms mains,
400 V rms (565 V peak) from secondary circuit
File (pending)
File (pending)
File (pending)
File (pending)
1 In accordance with UL 1577, each ADM2461E/ADM2463E is proof tested by applying an insulation test voltage ≥ 6840 V rms for 1 sec.
2 In accordance with DIN V VDE 0884-11, each ADM2461E/ADM2463E is proof tested by applying an insulation test voltage ≥ 2320 V peak for 1 sec (partial discharge
detection limit = 5 pC).
INSULATION AND SAFETY RELATED SPECIFICATIONS
Table 5. Critical Safety Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5700
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.3
mm
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking (Creepage)
L(I02)
8.3
mm
Measured from input terminals to output terminals, shortest
distance along body
Minimum Clearance in the Plane of the Printed
Circuit Board (PCB Clearance)
L (PCB)
8.1
mm
Measured from input terminals to output terminals, shortest
distance through air, line of sight, in the PCB mounting plane
Minimum Internal Gap (Internal Clearance)
43
μm min
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>600
V
DIN IEC 112/VDE 0303 Part 1
Material Group
I
Material Group (DIN VDE 0110: 1989-01, Table 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com