Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADM2461EBRWZ-R7 Datasheet HTML 1Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 2Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
500 kbps, 5.7 kV RMS, Signal Isolated
RS-485 Transceiver with ±15 kV IEC ESD
Data Sheet
ADM2461E/ADM2463E
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
5.7 kV rms, signal isolated RS-485/RS-422 transceiver
Low radiated emissions, passes EN55032 Class B with margin
on a 2-layer PCB
Cable inversion smart feature
Correction for reversed cable connection on A, B, Y, and Z bus
pins while maintaining full receiver fail-safe
ESD protection on the RS-485 A, B, Y, and Z bus pins
≥±12 kV IEC61000-4-2 contact discharge
≥±15 kV IEC61000-4-2 air discharge
Low speed 500 kbps data rate for EMI control
Flexible power supply inputs
Primary VDD1 supply of 1.7 V to 5.5 V
Isolated VDD2 supply of 3.0 V to 5.5 V
Profibus® compliant for 5 V VDD2
Wide −40°C to +125°C operating temperature range
High common-mode transient immunity: >250 kV/μs
Short-circuit, open-circuit, and floating input receiver fail-safe
Supports 192 bus nodes (72 kΩ receiver input impedance)
Full hot swap support (glitch free power-up and power-down)
Safety and regulatory approvals (pending)
CSA Component Acceptance Notice 5A, DIN V VDE V 0884-11,
UL 1577, CQC11-471543-2012, IEC 61010-1
16-lead, wide body, SOIC_W package with >8.0 mm
creepage and clearance in standard pinout
APPLICATIONS
Heating, ventilation, and air conditioning (HVAC) networks
Industrial field buses
Building automation
Utility networks
FUNCTIONAL BLOCK DIAGRAMS
ADM2461E
RxD
INV
VDD1
DE
ISOLATION
BARRIER
GND1
RE
TxD
RS-485 TRANSCEIVER
D
R
VDD2
GND2
CABLE
INVERT
B
A
DIGITAL ISOLATION
Figure 1. ADM2461E Functional Block Diagram
ADM2463E
RxD
INVR
VDD1
DE
ISOLATION
BARRIER
GND1
RE
TxD
Y
Z
RS-485 TRANSCEIVER
D
R
VDD2
GND2
CABLE
INVERT
A
B
DIGITAL ISOLATION
Figure 2. ADM2463E Functional Block Diagram
GENERAL DESCRIPTION
The ADM2461E/ADM2463E are 500 kbps, 5.7 kV rms, signal
isolated RS-485 transceivers that pass radiated emissions testing to
the EN55032 Class B standard with margin on a 2-layer printed
circuit board (PCB). The ADM2461E/ADM2463E isolation
barrier provides robust immunity to noise and system level EMC
events. The devices are protected against ≥±12 kV contact and ≥
±15 kV air IEC61000-4-2 electrostatic discharge (ESD) events
on the RS-485 A, B, Y, and Z pins. The devices feature cable invert
pins to allow quick correction of the reversed cable connection
on the A, B, Y, and Z bus pins while maintaining full receiver
fail-safe performance.
These devices are optimized for low speed over long cable runs
and have a maximum data rate of 500 kbps. The high differential
output voltage makes these devices suitable for Profibus nodes
when powered with 5 V on the VDD2 supply. The VDD1 primary
supply and VDD2 isolated supply both support a wide range of
voltages (1.7 V to 5.5 V and 3 V to 5.5 V, respectively). Half-
duplex and full duplex device options are available in the industry
standard 16-lead, wide-body, standard SOIC_W package with
>8.0 mm creepage and clearance.


Similar Part No. - ADM2461EBRWZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM240 ETC2-ADM240 Datasheet
106Kb / 1P
POTENTIOMETER TRANSMITTER
logo
Analog Devices
ADM241L AD-ADM241L Datasheet
364Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM241L AD-ADM241L Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM2461EBRWZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
logo
Analog Devices
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com