Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 20Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 19 of 21
APPLICATIONS INFORMATION
PCB LAYOUT AND ELECTROMAGNETIC
INTERFERENCE (EMI)
The ADM2461E/ADM2463E use a low power, on or off keying
encoding scheme for robust communication with minimal
radiated emissions. These devices can meet EN55032 and CISPR
32 Class B requirements with margin on a standard 2-layer PCB,
without the need for complex and area intensive layout techniques.
MAXIMUM DATA RATE vs. AMBIENT
TEMPERATURE
Under a large current load, power dissipation within the
transceiver can limit the maximum ambient temperature
achievable while retaining a silicon junction temperature
below 150°C. This internal power dissipation is related to
application conditions including supply voltage configuration,
switching frequency, effective load on the RS-485 bus, and the
amount of time the transceiver is in transmit mode. Thermal
performance also depends on the PCB design and thermal
characteristics of a system.
For high temperature applications above 85°C with a fully
loaded RS-485 bus (equivalent to 54 Ω bus resistance) operating
with a VDD2 supply of 5 V ± 10%, limiting the transmitter data
rate to 300 kbps is recommended. The thermal resistance (θJA)
of the package can be used in conjunction with the typical
performance curves for the VDD2 supply current to calculate the
maximum data rate for a given ambient temperature.
ISOLATED PROFIBUS SOLUTION
The ADM2461E features a transceiver that meets the
requirements of an isolated Profibus node. When operating the
ADM2461E as a Profibus transceiver, ensure that the VDD2
power supply is a minimum of 4.5 V. The ADM2461E is
acceptable for use in Profibus applications as a result of the
following characteristics:
The output driver meets or exceeds the Profibus differential
output requirements. To ensure that the transmitter
differential output does not exceed 7 V p-p over all
conditions, place 10 Ω resistors in series with the A and
B transmitter outputs.
Low bus pin capacitance of 28 pF.
Class I (no loss of data) immunity to IEC61000-4-4 electrical
fast transients (EFTs) up to ±1 kV with respect to the GND2
pin can be achieved using a Profibus shielded cable. IEC
61000-4-4 Class I up to ±3 kV can be achieved with the
addition of a 470 pF capacitor connected between the
GND1 pin and the RxD output pin.
EMC, EFT, AND SURGE PROTECTION
In applications where additional levels of protection against
IEC61000-4-5 EFT or IEC61000-4-4 surge events are required,
external protection circuits can be added to enhance the EMC
robustness of the device. See Figure 43 for a recommended EMC
protection circuit that uses a series of SM712 transient voltage
suppressors (TVS) and 10 Ω pulse proof resistors to achieve
Level 2 IEC61000-4-5 surge protection and an excess of Level 4
IEC61000-4-2 ESD and IEC61000-4-4 EFT protection. Table 16
and Table 17 list the recommended protection components and
protection levels for this circuit.
VDD1
RxD
A
B
RECEIVER
TxD
Z
Y
D
DRIVER
SM712
TVS
SM712
TVS
10Ω
10Ω
GND1
GND2
ISOLATION
BARRIER
10Ω
10Ω
120Ω
VDD2
Figure 43. Isolated RS-485 Solution with ESD, EFT, and Surge Protection
Table 16. Recommended Components for ESD, EFT, and
Surge Protection Solution
Recommended Components
Part Number
TVS
CDSOT23-SM712
10 Ω Pulse Proof Resistors
CRCW060310R0FKEAHP
Table 17. Protection Levels with Recommend Circuit
EMC Standard
Protection Level (kV)
ESD—Contact (IEC 61000-4-2)
≥ ±30 (exceeds Level 4)
ESD—Air (IEC 61000-4-2)
≥ ±30 (exceeds Level 4)
EFT (IEC 61000-4-4)
≥ ±4 (exceeds Level 4)
Surge (IEC 61000-4-5)
≥ ±1 (Level 2)
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period of time. The rate
of insulation degradation depends on the characteristics of the
voltage waveform applied across the insulation and on the
materials and material interfaces.
The two types of insulation degradation of primary interest are
breakdown along surfaces exposed to the air and insulation wear
out. Surface breakdown is the phenomenon of surface tracking
and is the primary determinant of surface creepage requirements
in system level standards. Insulation wear out is the phenomenon
where charge injection or displacement currents inside the
insulation material cause long-term insulation degradation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com