Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 12 of 21
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
5.7
1k
10k
100k
1M
10M
100M
DATA RATE (bps)
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 18. VDD1 Supply Current vs. Data Rate
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
–50
0
50
100
150
TEMPERATURE (°C)
RL = 100Ω, VDD2 = 3.3V
RL = 54Ω, VDD2 = 3.3V
Figure 19. Driver Differential Output Voltage vs. Temperature
0
20
40
60
80
100
120
01234
56
DRIVER DIFFERENTIAL OUTPUT VOLTAGE (V)
VDD2 = 3.3V
VDD2 = 5.0V
Figure 20. Driver Output Current vs. Driver Differential Output Voltage
–0.12
–0.10
–0.08
–0.06
–0.04
–0.02
0
–8
–6
–4
–2
0
DRIVER OUTPUT HIGH VOLTAGE (V)
VDD2 = 3.3V
VDD2 = 5.0V
Figure 21. Driver Output Current vs. Driver Output High Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
02
4
6
8
10
12
DRIVER OUTPUT LOW VOLTAGE (V)
VDD2 = 3.3V
VDD2 = 5.0V
Figure 22. Driver Output Current vs. Driver Output Low Voltage
180
190
200
210
220
230
240
250
–50
0
50
100
150
TEMPERATURE (°C)
tDPLH
tDPHL
Figure 23. Driver Differential Propagation Delay vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com