Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADM2461EBRWZ-R7 Datasheet HTML 1Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 2Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 2 of 21
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications ...................................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications .................................................................................... 3
 
Timing Specifications .................................................................. 4
 
Package Characteristics ............................................................... 6
 
Regulatory Information............................................................... 6
 
Insulation and Safety Related Specifications............................ 6
 
DIN V VDE 0884-11 (VDE 0884-11) Insulation Characteristics
(Pending)........................................................................................ 7
 
Absolute Maximum Ratings ........................................................... 8
 
Thermal Resistance ...................................................................... 8
 
Electrostatic Discharge (ESD) Ratings ...................................... 8
 
ESD Caution.................................................................................. 8
 
Pin Configurations and Function Descriptions........................... 9
 
Typical Performance Characteristics........................................... 11
 
Test Circuits and Switching Characteristics............................... 15
 
Theory of Operation ...................................................................... 16
 
Robust Low Power Digital Isolator.......................................... 16
 
High Driver Differential Output Voltage ............................... 16
 
IEC61000-4-2 ESD Protection ................................................. 16
 
Truth Tables................................................................................ 17
 
Receiver Fail-Safe ....................................................................... 17
 
Driver and Receiver Cable Inversion ...................................... 18
 
Hot Swap Inputs......................................................................... 18
 
192 Transceivers on the Bus ..................................................... 18
 
Driver Output Protection ......................................................... 18
 
Applications Information ............................................................. 19
 
PCB Layout and Electromagnetic Interference (EMI) ......... 19
 
Maximum Data Rate vs. Ambient Temperature ................... 19
 
Isolated Profibus Solution......................................................... 19
 
EMC, EFT, and Surge Protection ............................................ 19
 
Insulation Lifetime..................................................................... 19
 
Outline Dimensions....................................................................... 21
 
Ordering Guide .......................................................................... 21
 
REVISION HISTORY
6/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com