Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 20Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 20 of 21
Surface Tracking
Surface tracking is addressed in electrical safety standards by
setting a minimum surface creepage based on the working voltage,
the environmental conditions, and the properties of the insulation
material. Safety agencies perform characterization testing on the
surface insulation of components to allow the components to be
categorized in different material groups. Lower material group
ratings are more resistant to surface tracking and can provide
adequate lifetime with smaller creepage. The minimum creepage
for a given working voltage and material group is in each system
level standard and is based on the total rms voltage across the
isolation, pollution degree, and material group. See Table 5 for
the material group and creepage information for the ADM2461E/
ADM2463E isolated RS-485 transceivers.
Insulation Wear Out
The lifetime of insulation caused by wear out is determined by
the insulation thickness, the material properties, and the voltage
stress applied across the insulation. Ensure that the product
lifetime is adequate at the application working voltage. The
working voltage supported by an isolator for wear out may not be
the same as the working voltage supported for tracking. The
working voltage applicable to tracking is specified in most
standards.
Testing and modeling show that the primary driver of long-term
degradation is displacement current in the polyimide insulation,
which causes incremental damage. The stress on the insulation
can be divided into broad categories such as dc stress and ac
component, time varying voltage stress. DC stress causes little
wear out because there is no displacement current. AC component,
time varying voltage stress causes wear out.
The ratings in certification documents are typically based on 60 Hz
sinusoidal stress to reflect isolation from the line voltage. However,
many practical applications have combinations of 60 Hz ac and
dc across the barrier, as shown in Equation 1. Because only the
ac portion of the stress causes wear out, the equation can be
rearranged to solve for the ac rms voltage, as shown in Equation 2.
For insulation wear out with the polyimide materials used in these
products, the ac rms voltage determines the product lifetime.
22
RMS
AC RMS
DC
VV
V

(1)
or
22
AC RMS
RMS
DC
VV
V

(2)
where:
VRMS is the total rms working voltage.
VAC RMS is the time varying portion of the working voltage.
VDC is the dc offset of the working voltage.
Calculation and Use of Parameters Example
The following example frequently arises in power conversion
applications. Assume that the line voltage on one side of the
isolation barrier is 240 V ac rms and that a 400 V dc bus voltage
is present on the other side of the isolation barrier. The isolator
material is polyimide. To establish the critical voltages in
determining the creepage, clearance, and lifetime of a device,
see Figure 44, Equation 3, and Equation 4, where VPEAK is the
peak voltage.
TIME
VAC RMS
VRMS
VDC
VPEAK
Figure 44. Critical Voltage Example
For this example, the VRMS from Equation 1 is calculated as follows:
22
240
400
RMS
V

= 466 V
(3)
This VRMS value is the working voltage used together with the
material group and pollution degree when looking up the creepage
required by a system standard.
To determine if the lifetime is adequate, obtain VAC RMS. To
calculate VAC RMS for this example, use Equation 2 as follows:
22
466
400
AC RMS
V

= 240 V rms
(4)
In this case, VAC RMS is the line voltage of 240 V rms. This
calculation is more relevant when the waveform is not sinusoidal.
The VAC RMS value is compared to the limits for the working ac
voltage in Table 10 for the expected lifetime (which is less than
a 60 Hz sine wave) and is well within the limit for a 50-year
service life.
Note that the dc working voltage limit is set by the creepage of
the package, as specified in IEC60664-1. This dc value can
differ for specific system level standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com