Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 11 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
80
70
60
50
40
30
20
0
10
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD2 = 5V
VDD2 = 3.3V
Figure 12. VDD2 Supply Current vs. Temperature, Data Rate = 500 kbps, No Load
100
90
80
70
60
50
40
30
20
0
10
TEMPERATURE (°C)
VDD2 = 5V
VDD2 = 3.3V
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 13. VDD2 Supply Current vs. Temperature, Data Rate = 500 kbps, RL = 120 Ω
140
120
100
80
60
40
20
0
TEMPERATURE (°C)
VDD2 = 5V
VDD2 = 3.3V
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 14. VDD2 Supply Current vs. Temperature, Data Rate = 500 kbps, RL = 54 Ω
70
60
50
40
30
20
0
10
0
50
100
150
200
250
300
350
400
450
500
DATA RATE (kbps)
VDD2 = 5V
VDD2 = 3.3V
Figure 15. VDD2 Supply Current vs. Data Rate, TA = 25°C, No Load
100
90
80
70
60
50
40
30
20
0
10
0
50
100
150
200
250
300
350
400
450
500
DATA RATE (kbps)
VDD2 = 5V
VDD2 = 3.3V
Figure 16. VDD2 Supply Current vs. Data Rate, TA = 25°C, RL = 120 Ω
120
60
80
100
40
20
0
0
50
100
150
200
250
300
350
400
450
500
DATA RATE (kbps)
VDD2 = 5V
VDD2 = 3.3V
Figure 17. VDD2 Supply Current vs. Data Rate, TA = 25°C, RL = 54 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com