Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 7 of 21
DIN V VDE 0884-11 (VDE 0884-11) INSULATION CHARACTERISTICS (PENDING)
The ADM2461E/ADM2463E are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety
data must be ensured by means of protective circuits.
Table 6.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
CLASSIFICATIONS
Installation Classification per DIN VDE 0110
for Rated Mains Voltage
≤600 V rms
Reinforced insulation
I to IV
≤750 V rms
Reinforced insulation
I to III
≤875 V rms
Basic insulation
I to IV
Climatic Classification
40/125/21
Pollution Degree
DIN VDE 0110, see Table 1
2
VOLTAGE
Maximum Working Insulation Voltage
Basic insulation
VIOWM
875
V rms
Reinforced insulation
750
V rms
Maximum Repetitive Peak Insulation Voltage
Basic insulation
VIORM
1237
V peak
Reinforced insulation
1060
V peak
Maximum DC Working Insulation Voltage
Basic insulation
VIOWM (DC)
1237
V dc
Reinforced insulation
1060
V dc
Input to Output Test Voltage
VPR
Method b1
VIORM × 1.875 = VPR, 100% production tested,
tm = 1 sec, partial discharge < 5 pC
2320
V peak
Method a
After Environmental Tests, Subgroup 1
VIORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1856
V peak
After Input and/or Safety Test,
Subgroup 2/Subgroup 3
VIORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1485
V peak
Highest Allowable Overvoltage
Transient overvoltage, tTR = 10 sec
VIOTM
8000
V peak
Surge Isolation Voltage, Basic
Peak voltage (VPEAK) = 10 kV, 1.2 μs rise time, 50 μs,
50% fall time
VIOSM
10,000
V peak
Surge Isolation Voltage, Reinforced
VPEAK = 10 kV, 1.2 μs rise time, 50 μs, 50% fall time
VIOSM
6250
V peak
SAFETY-LIMITING VALUES
Maximum value allowed in the event of a failure
Case Temperature
TS
150
°C
Total Power Dissipation at 25°C
PS
1.95
W
Insulation Resistance at TS
VIO = 500 V
RS
>109
Ω
AMBIENT TEMPERATURE (°C)
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
0
50
100
150
Figure 9. Thermal Derating Curve for 16-Lead, Standard, Wide Body SOIC_W, Dependence of Safety Limiting Values with Ambient Temperature per DIN V VDE V 0884-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com