Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 8 of 21
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
the respective ground.
Table 7.
Parameter
Rating
VDD1 to GND1
−0.5 V to +7 V
VDD2 to GND2
−0.5 V to +7 V
Digital Input Voltage (DE, RE, TxD, INV,
−0.3 V to VDD1 + 0.3 V
and INVR)
Digital Output Voltage (RxD)
−0.3 V to VDD1 + 0.3 V
Driver Output/Receiver Input Voltage
(A, B, Y, and Z)
−9 V to +14 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−55°C to +150°C
Lead Temperature
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and
operating environment. Careful attention to PCB thermal
design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
Table 8. Thermal Resistance
Package Type
θJA
Unit
RW-161
63.9
°C/W
1 Thermal impedance simulated values are based on JEDEC 2S2P thermal test
board with no bias. See JEDEC JESD-51.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
International Electrotechnical Commission (IEC) electromagnetic
compatibility: Part 4-2 (IEC) per IEC 61000-4-2.
ESD Ratings for ADM2461E/ADM2463E
Table 9. ADM2461E/ADM2463E, 16-Lead SOIC_W
ESD Model
Withstand Threshold (V)
Class
HBM
±4000
3A
CDM
±1250
C5
IEC1
≥±12,000 (contact discharge) to GND2
Level 4
≥±15,000 (air discharge) to GND2
Level 4
≥±8,000 (contact/air discharge) to GND1
Level 42
1 Pin A, Pin B, Pin Y, and Pin Z only.
2 Limited by clearance across isolation barrier.
ESD CAUTION
Table 10. Maximum Continuous Working Voltage1, 2
Parameter
Max
Unit
Reference Standard
AC Voltage (Bipolar)
Basic Insulation
1237
V peak
50-year minimum lifetime
Reinforced Insulation
1060
V peak
50-year minimum lifetime
AC Voltage (Unipolar)
Basic Insulation
2474
V peak
50-year minimum lifetime
Reinforced Insulation
1355
V peak
Lifetime limited by package creepage per
IEC60664-1
DC Voltage
Basic Insulation
1237
V dc
50-year minimum lifetime
Reinforced Insulation
830
V dc
Lifetime limited by package creepage per
IEC60664-1
1 The maximum continuous working voltage refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.
2 Values are quoted for Material Group I, Pollution Degree II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com