Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 10Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 11Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 12Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADM2461E/ADM2463E
Data Sheet
Rev. 0 | Page 10 of 21
VDD1 1
GND1 2
RxD 3
4
VDD2
16
GND2
15
A
14
B
13
DE 5
Z
12
TxD 6
Y
11
INVR
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
7
NIC
10
GND1 8
GND2
9
ADM2463E
TOP VIEW
(Not to Scale)
RE
Figure 11. ADM2463E Full Duplex Pin Configuration
Table 12. ADM2463E Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD1
1.7 V to 5.5 V Flexible Primary Side Power Supply. Connect a 0.1 μF decoupling capacitor between Pin 1 and Pin 2
to decouple the two supplies. An additional 10 μF decoupling capacitor can be connected between Pin 1 and Pin
2 to improve noise immunity in noisy environments.
2, 8
GND1
Ground 1, Logic Side.
3
RxD
Receiver Output Data. When the INVR pin is logic low, this output is high when the differential receiver input voltage
(A – B) ≥ −30 mV and low when A – B ≤ –200 mV. When the INVR pin is logic high, this output is high when A – B ≤
30 mV and low when A – B ≥ 200 mV. When the RE pin is driven high, the receiver disables and this output is tristated.
4
RE
Receiver Enable Input. This pin is an active low input. Drive this input low to enable the receiver. Drive this input
high to disable the receiver.
5
DE
Driver Output Enable. A high level on this pin enables the driver differential outputs, Y and Z. A low level on this
pin places the outputs in a high impedance state.
6
TxD
Transmit Data Input. Data to be transmitted by the driver is applied to this input.
7
INVR
Receiver Cable Invert Input. This pin is an active high input. Drive this pin high to invert the A and B receiver inputs
to correct for reversed cable installation. This pin is pulled internally to ground through a high impedance. If the
cable invert function is not used, connect this pin to GND1.
9, 15
GND2
Isolated Ground 2 for the Integrated RS-485 Transceiver, Bus Side.
10
NIC
Not Internally Connected.
11
Y
Driver Noninverting Output.
12
Z
Driver Inverting Output.
13
B
Receiver Inverting Input.
14
A
Receiver Noninverting Input.
16
VDD2
3.0 V to 5.5 V Isolated Side Power Supply. Connect a decoupling capacitor of 0.1 μF between Pin 16 and Pin 15 to
decouple the two supplies. An additional 10 μF decoupling capacitor can be connected between Pin 16 and Pin
15 to improve noise immunity in noisy environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com