Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM2461EBRWZ-R7 Datasheet HTML 13Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 14Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 15Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 16Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 17Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 18Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 19Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 20Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 17 of 21
Figure 41 shows the 8 kV contact discharge current waveform
from the IEC61000-4-2 standard compared to the HBM ESD 8 kV
waveform. Figure 41 shows that the two standards specify a
different waveform shape and peak current (IPEAK). The IPEAK
associated with an IEC61000-4-2 8 kV pulse is 30 A, whereas
the corresponding IPEAK for HBM ESD is more than five times
less at 5.33 A. The other key difference between the two standards
is the rise time of the initial voltage spike. The IEC61000-4-2
ESD waveform has a faster rise time of 1 ns compared to the
10 ns associated with the HBM ESD waveform. The amount of
power associated with an IEC ESD waveform is greater than that of
an HBM ESD waveform. The HBM ESD standard requires the
EUT to be subjected to at least three positive and three negative
discharge tests, whereas the IEC ESD standard requires the EUT to
be subjected to at least 10 positive and 10 negative discharge tests.
The ADM2461E/ADM2463E are rated to ≥±12 kV contact ESD
protection and ≥±15 kV air ESD protection between the RS-485
bus pins (A, B, Y, and Z) and the GND2 pin according to the
IEC61000-4-2 standard. The isolation barrier provides ±8kV
contact protection between the bus pins and the GND1 pin. These
devices with IEC61000-4-2 ESD ratings are better suited for
operation in harsh environments when compared to other RS-
485 transceivers that state varying levels of HBM ESD protection.
IPEAK
I30ns
I60ns
30A
90%
16A
IEC 61000-4-2 ESD 8kV
HBM ESD 8kV
8A
5.33A
10%
tR = 0.7ns TO 1ns
30ns
10ns
60ns
TIME
Figure 41. IEC61000-4-2 ESD 8 kV Waveform Compared to
HBM ESD 8 kV Waveform
TRUTH TABLES
Table 14 and Table 15 use the abbreviations defined in Table 13.
VDD1 supplies the DE, TxD, RE, RxD, INV, and INVR pins only.
Table 13. Truth Table Abbreviations
Letter
Description
H
High level
I
Indeterminate
L
Low level
X
Any state
Z
High impedance (off)
Table 14. Transmitting Truth Table
Supply Status
Inputs
Outputs
VDD1
VDD2
DE
TxD
INV
A or Y
B or Z
On
On
H
H
L
H
L
On
On
H
H
H
L
H
On
On
H
L
L
L
H
On
On
H
L
H
H
L
On
On
L
X
X
Z
Z
Off
On
X
X
X
Z
Z
X
Off
X
X
X
Z
Z
Table 15. Receiving Truth Table
Supply Status
Inputs
Outputs
VDD1
VDD2
A − B
INV or INVR
RE
RxD
On
On
≥−0.03 V
L
L
H
On
On
≤0.03 V
H
L
H
On
On
≤−0.2 V
L
L
L
On
On
≥0.2 V
H
L
L
On
On
0.2 V < A – B < −0.03 V
L
L
I
On
On
0.03 V < A – B < 0.2 V
H
L
I
On
On
Inputs open or shorted
L
L
H
On
X
X
X
H
Z
On
Off
X
X
L
I
Off
X
X
X
X
I
RECEIVER FAIL-SAFE
The ADM2461E/ADM2463E guarantee a logic high receiver
output when the receiver inputs are shorted, open, or connected to
a terminated transmission line with all drivers disabled. To achieve
a fail-safe logic high output when the receiver inversion feature
is disabled (INV or INVR = 0 V), the receiver input threshold is
set internally between −30 mV and −200 mV. If A – B ≥ −30 mV,
the RxD output is logic high. If A – B ≤ −200 mV, the RxD
output is logic low. To preserve the fail-safe feature when the
receiver inversion feature is enabled (INV or INVR = VDD1), the
inverted receiver input threshold is set internally between 30 mV
and 200 mV. In the case of a terminated bus with all transmitters
disabled, the termination resistor pulls the receiver differential
input voltage to 0 V, which results in a logic high RxD output
with a 30 mV minimum noise margin. This feature eliminates
the need for the external biasing components that are usually
required to implement the fail-safe feature.
These features are fully compatible with external fail-safe
biasing configurations and can be used in applications with
legacy devices that lack fail-safe support and in applications
where additional noise margin is desired. See the AN-960
Application Note, RS-485/RS-422 Circuit Implementation
Guide, for details on external fail-safe biasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com