Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2461EBRWZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM2461EBRWZ-R7
Description  500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2461EBRWZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM2461EBRWZ-R7 Datasheet HTML 1Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 2Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 3Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 4Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 5Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 6Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 7Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 8Page - Analog Devices ADM2461EBRWZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADM2461E/ADM2463E
Rev. 0 | Page 5 of 21
Timing Diagrams
Z
Y
tDPLH
tDR
tDPHL
tDF
VO
90% POINT
10% POINT
90% POINT
10% POINT
VDIFF = V(Y) – V(Z)
–VO
A – B
OR Y – B
TxD
tSKEW = │tDPLH –tDPHL│
+VO
0V
VDD1
VDD1/2
VO/2
VDD1/2
NOTES
1. Y = A, Z = B FOR ADM2461E/ADM2463E
Figure 3. Driver Propagation Delay, Rise and Fall Timing
VDD1/2
VDD1/2
tRPLH
tRPHL
RxD
VOH
0V
A – B
0V
VOL
tSKEW = |tRPLH – tRPHL|
Figure 4. Receiver Propagation Delay
DE
Y, Z
Y, Z
VDD1
0V
VOL
VOH
VDD1/2
tZL
tZH
tLZ
tHZ
VOH – 0.5V
VOL+ 0.5V
0.5 (VDD2 + VOL)
VOH/2
NOTES
1. Y = A, Z = B FOR ADM2461E/ADM2463E
VDD1/2
Figure 5. Driver Enable or Disable Timing
RxD
RxD
RE
VDD1
0V
0V
VDD1/2
VDD1/2
OUTPUT HIGH
OUTPUT LOW
tLZ
tZL
tHZ
tZH
VOL + 0.5V
VOH – 0.5V
VOH
VOL
VDD1/2
VDD1/2
Figure 6. Receiver Enable or Disable Timing
VDD1
INVR
0V
tINVRPLH
VDD1/2
VDD1/2
tINVRPHL
RxD (VID ≥ +200mV)
VOH
VOL
VDD1/2
VDD1/2
VDD1/2
VDD1/2
VOH
VOL
RxD (VID ≤ –200mV)
NOTES
1. INVR = INV FOR ADM2461E/ADM2463E
Figure 7. Receiver Cable Invert Timing Specification Measurement
INV
Z
Y
tINVDPLH
|VOD|
1/2|VO|
VDD1/2
VDD1/2
tINVDPHL
Z
Y
TxD = 0
|VOD|
TxD = 1
1/2|VO|
VDD1
NOTES
1. Y = A, Z = B FOR ADM2461E/ADM2463E
Figure 8. Driver Cable Invert Timing Specification Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com