Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 104 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 99Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 100Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 101Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 102Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 103Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 104Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 105Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 106Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 107Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
104 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
25. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 2.
Ordering options . . . . . . . . . . . . . . . . . . . . . . . . .3
Table 3.
Pin description of PCA2117DUGx . . . . . . . . . . .6
Table 4.
Command execution sequence . . . . . . . . . . . . .8
Table 5.
Commands of PCA2117 . . . . . . . . . . . . . . . . . .8
Table 6.
Register_update - Register update command
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .9
Table 7.
Initialize - Initialize command bit description . .10
Table 8.
Clear_reset_flag - Clear_reset_flag command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 9.
OTP_refresh - OTP_refresh command bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
Table 10. Clock_out_ctrl - CLK pin input/output switch
command bit description . . . . . . . . . . . . . . . . .10
Table 11. Read_reg_select - select registers for readout
command bit description . . . . . . . . . . . . . . . . . 11
Table 12. Read_status_reg - readout register command
bit description . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 13. RAM_ROM_config - display memory
configuration command bit description . . . . . . .13
Table 14. Sel_mem_bank - RAM access configuration
command . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 15. Set_mem_addr - memory address command
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 16. Read_data - data read bit description . . . . . . .15
Table 17. Write_data - data write bit description . . . . . . .15
Table 18. Clear_display - clear display bit description . . .16
Table 19. Return_home - return home bit description . . .16
Table 20. Entry_mode_set - entry mode bit description .17
Table 21. Function_set - function set bit description . . . .18
Table 22. Inversion_mode - inversion mode command
bit description . . . . . . . . . . . . . . . . . . . . . . . . .18
Table 23. Frame-frequency - frame frequency select
command bit description . . . . . . . . . . . . . . . . .19
Table 24. Clock and frame frequency values . . . . . . . . .19
Table 25. Display_control - Display control bit description .
20
Table 26. Cursor_display_shift - cursor display shift bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .21
Table 27. Screen_config - screen configuration bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 28. Display_config - display configuration bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 29. Icon_config - icon display configuration bit
description . . . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 30. Charge_pump_ctrl - charge pump control
command bit description . . . . . . . . . . . . . . . . .24
Table 31. Set_VLCD_A and Set_VLCD_B - set VLCD
command bit description. . . . . . . . . . . . . . . . . .25
Table 32. Temperature_ctrl - temperature measurement
control command bit description . . . . . . . . . . .26
Table 33. TC_slope - VLCD temperature compensation
slope command bit description . . . . . . . . . . . .26
Table 34. Reset state of PCA2117 . . . . . . . . . . . . . . . . .28
Table 35. Temperature coefficients. . . . . . . . . . . . . . . . . .43
Table 36. Calculation of the temperature compensating
factor VT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 37. Bias levels as a function of multiplex rate . . . . 44
Table 38. Icon to ICON-RAM mapping table . . . . . . . . . 60
Table 39. Address space and wrap-around operation . . 62
Table 40. Control byte description . . . . . . . . . . . . . . . . . 64
Table 41. I2C slave address byte . . . . . . . . . . . . . . . . . . . 67
Table 42. R/W-bit description. . . . . . . . . . . . . . . . . . . . . . 67
Table 43. Example: Writing to RAM by I2C-bus . . . . . . . 68
Table 44. Example: Reading from RAM by I2C-bus . . . . 69
Table 45. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 46. Subaddress byte definition. . . . . . . . . . . . . . . . 72
Table 47. Example: Writing to RAM by SPI-bus . . . . . . . 73
Table 48. Example: Reading from RAM by SPI-bus . . . . 74
Table 49. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 78
Table 50. Static characteristics . . . . . . . . . . . . . . . . . . . . 79
Table 51. General dynamic characteristics . . . . . . . . . . . 85
Table 52. I2C-bus timing characteristics . . . . . . . . . . . . . 85
Table 53. SPI-bus characteristics . . . . . . . . . . . . . . . . . . 87
Table 54. Dimensions of PCA2117DUGx
. . . . . . . . . . . 90
Table 55. Bump locations of PCA2117DUGx . . . . . . . . . 90
Table 56. Alignment marking . . . . . . . . . . . . . . . . . . . . . . 94
Table 57. Specification of 3 inch tray details . . . . . . . . . . 96
Table 58. Selection of LCD character drivers . . . . . . . . . 97
Table 59. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 99
Table 60. Revision history . . . . . . . . . . . . . . . . . . . . . . . 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com