Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS/DA Datasheet(PDF) 105 Page - NXP Semiconductors

Part # PCA2117DUGS/DA
Description  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 99Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 100Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 101Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 102Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 103Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 104Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 105Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 106Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 107Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 105 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
105 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
26. Figures
Fig 1.
Block diagram of PCA2117 . . . . . . . . . . . . . . . . . .4
Fig 2.
Pinning diagram of PCA2117DUGx . . . . . . . . . . . .5
Fig 3.
Example of the display shift . . . . . . . . . . . . . . . . .17
Fig 4.
Example of a linefeed . . . . . . . . . . . . . . . . . . . . .21
Fig 5.
Illustration of the display configuration bits . . . . .23
Fig 6.
Recommended start-up sequence when using
the internal charge pump and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 7.
Recommended start-up sequence when using an
externally supplied VLCD and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 8.
Recommended start-up sequence when using
the internal charge pump and an external clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 9.
Recommended start-up sequence when using an
externally supplied VLCD and an external clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Fig 10. Recommended power-down sequence for
minimum power-down current when using the
internal charge pump and the internal clock
signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32
Fig 11. Recommended power-down sequence when
using an externally supplied VLCD and the
internal clock signal . . . . . . . . . . . . . . . . . . . . . . .33
Fig 12. Recommended power-down sequence when
using the internal charge pump and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Fig 13. Recommended power-down sequence when
using an externally supplied VLCD and an
external clock signal . . . . . . . . . . . . . . . . . . . . . .34
Fig 14. Connecting PCA2117 with a 2 ´ 20 character
LCD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 15. Connecting PCA2117 with a 1 ´ 40 character
LCD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 16. Typical system configuration if using the
internal VLCD generation and I2C-bus . . . . . . . . .36
Fig 17. Typical system configuration if using the
external VLCD and SPI-bus . . . . . . . . . . . . . . . . .36
Fig 18. VLCD generation including temperature
compensation . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Fig 19. VLCD programming of PCA2117 (assuming
VT[8:0] = 0h) . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Fig 20. VLCD with respect to Iload at VDD2 = 2.5 V . . . . . .40
Fig 21. VLCD with respect to Iload at VDD2 = 5 V . . . . . . . .40
Fig 22. VLCD with respect to Iload at VDD2 = 5 V . . . . . . . .41
Fig 23. Temperature measurement block with digital
temperature filter . . . . . . . . . . . . . . . . . . . . . . . . .42
Fig 24. Temperature measurement delay . . . . . . . . . . . .42
Fig 25. Example of segmented temperature
coefficients . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .43
Fig 26. Electro-optical characteristic: relative
transmission curve of the liquid . . . . . . . . . . . . . .46
Fig 27. Waveforms for the 1:18 multiplex drive mode.
5 bias levels, character mode, frame inversion
mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .47
Fig 28. Waveforms for the 1:9 multiplex drive mode,
5 bias levels, character mode, R8 to R15
and R17 open, frame inversion mode . . . . . . . . . 48
Fig 29. Waveforms for the 1:2 multiplex drive mode,
4 bias levels, icon mode, frame inversion mode . 49
Fig 30. Dataflow from CGROM, CGRAM and ICON-RAM
to the display . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Fig 31. RAM/ROM access flowchart . . . . . . . . . . . . . . . . 51
Fig 32. Logic diagram of the CRC8 generator . . . . . . . . 52
Fig 33. Checksum generation . . . . . . . . . . . . . . . . . . . . . 52
Fig 34. Character set ‘R’ in CGROM . . . . . . . . . . . . . . . . 53
Fig 35. Character set ‘S’ in CGROM . . . . . . . . . . . . . . . . 54
Fig 36. Configuration of CGROM and CGRAM with
RR[1:0] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Fig 37. User-defined euro currency sign . . . . . . . . . . . . . 57
Fig 38. Icon to row/column mapping . . . . . . . . . . . . . . . . 60
Fig 39. DDRAM to display mapping: no shift . . . . . . . . . 61
Fig 40. DDRAM to display mapping: right shift . . . . . . . . 61
Fig 41. DDRAM to display mapping: left shift . . . . . . . . . 61
Fig 42. Cursor and blink display examples . . . . . . . . . . . 63
Fig 43. Display example with icons . . . . . . . . . . . . . . . . . 63
Fig 44. Control byte format . . . . . . . . . . . . . . . . . . . . . . . 64
Fig 45. SDAOUT and SDAIN configuration. . . . . . . . . . . 65
Fig 46. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Fig 47. Definition of START and STOP conditions . . . . . 66
Fig 48. System configuration. . . . . . . . . . . . . . . . . . . . . . 66
Fig 49. Acknowledgement on the I2C-bus. . . . . . . . . . . . 67
Fig 50. SPI data transfer overview . . . . . . . . . . . . . . . . . 72
Fig 51. Device protection diagram . . . . . . . . . . . . . . . . . 76
Fig 52. Typical IDD1 with respect to temperature . . . . . . . 82
Fig 53. Typical IDD2 with respect to temperature . . . . . . . 82
Fig 54. Typical IDD(LCD) with respect to temperature . . . . 83
Fig 55. Typical VLCD variation with respect to
temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Fig 56. Typical frame frequency variation with respect
to temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Fig 57. Measurement temperature variation with respect
to temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Fig 58. Driver timing waveforms . . . . . . . . . . . . . . . . . . . 86
Fig 59. I2C-bus timing diagram . . . . . . . . . . . . . . . . . . . . 86
Fig 60. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Fig 61. Bare die outline of PCA2117DUGx . . . . . . . . . . . 89
Fig 62. Alignment marks . . . . . . . . . . . . . . . . . . . . . . . . . 93
Fig 63. Tray details of PCA2117DUGx . . . . . . . . . . . . . . 95
Fig 64. Die alignment in the tray . . . . . . . . . . . . . . . . . . . 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com