Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 38 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 38 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 34Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 35Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 36Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 37Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 38Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 39Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 40Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 41Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
WM8940
38
Rev 4.4
Input
Signal
Output
of PGA
ALCLVL
PGA
Gain
t
HOLD
Figure 16 ALC Hold Time
ALCHLD
tHOLD (s)
0000
0
0001
2.67ms
0010
5.34ms
0011
10.7ms
0100
21.4ms
0101
42.7ms
0110
85.4ms
0111
171ms
1000
342ms
1001
684ms
1010
1.37s
Table 27 ALC Hold Time Values
PEAK LIMITER
To prevent clipping when a large signal occurs just after a period of quiet, the ALC circuit includes a
limiter function. If the ADC input signal exceeds 87.5% of full scale (
–1.16dB), the PGA gain is
ramped down at the maximum attack rate (as when ALCATK = 0000), until the signal level falls below
87.5% of full scale. This function is automatically enabled whenever the ALC is enabled.
Note: If ALCATK = 0000, then the limiter makes no difference to the operation of the ALC. It is
designed to prevent clipping when long attack times are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com