Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 68Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 69Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 70Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 71Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 72Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
WM8940
Rev 4.4
69
REGISTER BITS BY ADDRESS
Notes:
1. Default values of N/A indicate non-latched data bits (e.g. software reset or volume update bits).
2. Register bits marked as
“Reserved” should not be changed from the default.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0 (00h)
[15:0]
RESET /
CHIP_ID
N/A
Writing to this register will apply a software reset.
Reading from this register will return the device id
Resetting the
Chip /
Control Interface
1 (01h)
15:9
00
Reserved
8
VMID_OP_EN
0
Enables the non-VMID derived bias current generator
without enabling the VMID buffer. This bit must be set
to 1 if output amplifiers are to be enabled before VMID
is active. Once VMID and VMID buffer are enabled this
bit can be left set to 0 or left set to 1.
Power
Management
7
LVLSHIFT_EN
0
Enable bit for the level shifters. 1 for normal operation,
0 for standby.
Power
Management
6
AUXEN
0
Auxiliary input buffer enable
0 = OFF
1 = ON
Auxiliary Inputs
5
PLLEN
0
PLL enable
0=PLL off
1=PLL on
Master Clock and
Phase Locked
Loop (PLL)
4
MICBEN
0
Microphone Bias Enable
0 = OFF (high impedance output)
1 = ON
Microphone
Biasing Circuit
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Power
Management
2:0
DEVICE_REVIS
ION
000
Readback from this register will return the device
revision in this position
Control Interface
2
BUFIOEN
0
Enable bit for the VMID buffer. The VMID buffer is
used to maintain a buffered VMID voltage on all
analogue input and output pins. 1. for normal operation
0. for standby (where inputs and outputs settle to
GND).
Enabling the
Outputs
1:0
VMIDSEL
00
Reference string impedance to VMID pin:
00=off (open circuit)
01=50k
Ω
10=250k
Ω
11=5k
Ω
Power
Management
2 (02h)
15:5
000h
Reserved
4
BOOSTEN
0
Input BOOST enable
0 = Boost stage OFF
1 = Boost stage ON
Input Boost
3
0
Reserved
2
INPPGAEN
0
Input microphone PGA enable
0 = disabled
1 = enabled
Input Signal Path
1
0
Reserved
0
ADCEN
0
ADC Enable Control
0 = ADC disabled
1 = ADC enabled
Analogue to
Digital Converter
(ADC)
3 (03h)
15:8
00h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com