Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 5Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 6Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 10Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 11Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 12Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
WM8940
Rev 4.4
9
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.8V, AVDD = DBVDD = 3.3V, SPKVDD =3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Microphone Input PGA Inputs (MICN, MICP)
INPPGAVOL and PGABOOST = 0dB
Full-scale Input Signal Level
– Single-
ended input via LIN/RIN 1
AVDD/3.3
Vrms
Full-scale Input Signal Level
–
Pseudo-differential input 1,2
AVDD*0.7/
3.3
Vrms
Input PGA equivalent input noise
INPPGAVOL = +35.25dB
No input signal
0 to 20kHz
76.5
dB
MICN input resistance
INPPGAVOL = +35.25dB
2
k
MICN input resistance
INPPGAVOL = 0dB
58.5
k
MICN input resistance
INPPGAVOL = -12dB
97.5
k
MICP input resistance
All gain settings
124.5
k
Input Capacitance
All analogue input pins
10
pF
Maximum Input PGA Programmable
Gain
Gain adjusted by
INPPGAVOL
+33.25
+35.25
+37.25
dB
Minimum Input PGA Programmable
Gain
Gain adjusted by
INPPGAVOL
-14
-12
-10
dB
Programmable Gain Step Size
Guaranteed monotonic
0.75
dB
Input PGA Mute Attenuation
INPPGAMUTE
92
dB
Input Gain Boost
PGABOOST= 0
0
dB
Input Gain Boost
PGABOOST = 1
+20
dB
Auxiliary Analogue Inputs (AUX)
Full-scale Input Signal Level 2
AVDD/3.3
Vrms
Input Resistance
Input boost and mixer
enabled, at 0dB gain
20
k
Input Capacitance
All analogue Inputs
10
pF
Maximum Gain from AUX input PGA
mixers
Gain adjusted by
AUX2BOOSTVOL
+4.0
+6
+7.5
dB
Minimum Gain from AUX input PGA
mixers
Gain adjusted by
AUX2BOOSTVOL
-14
-12
-9
dB
AUX2BOOSTVOL step size
Guaranteed monotonic
3
dB
Analogue to Digital Converter (ADC) - Input from MICN and MICP in differential configuration to input PGA
INPPGAVO, PGABOOST and ADCVOL = 0dB
Signal to Noise Ratio 3
SNR
A-weighted
AVDD=3.3V
88
91
dB
Total Harmonic Distortion 4
THD
-1dBV Input
AVDD=3.3V
-80
-75
dB
Total Harmonic Distortion + Noise 5
THD+N
-1dBV Input
AVDD=3.3V
-75
-68
dB
Channel Separation 6
1kHz full scale input signal
100
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com