Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 23 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 23 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 19Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 20Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 21Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 22Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 23Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 24Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 25Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 26Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
WM8940
Rev 4.4
23
In mixer mode (AUXMODE=1) the on-chip input resistor is bypassed, this allows the user to sum in
multiple inputs with the use of external resistors. When used in this mode there will be gain variations
through this path from part to part due to the variation of the internal 20k
Ω resistors relative to the
higher tolerance external resistors.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
6
AUXEN
0
Auxiliary input buffer enable
0 = OFF
1 = ON
R44
Input control
3
AUXMODE
0
0 = inverting buffer
1 = mixer (on-chip input resistor bypassed)
Table 5 Auxiliary Input Buffer Control
INPUT BOOST
The input BOOST circuit has 3 selectable inputs: the input microphone PGA output, the AUX amplifier
output and the MICP input pin (when not using a differential microphone configuration). These three
inputs can be mixed together and have individual gain boost/adjust as shown in Figure 8.
To ADC input
and output
mixers
AUX2BOOSTVOL=000
MICP2BOOSTVOL=000
Output from
AUX amp
Output from
input PGA
MICP
AUX2BOOSTVOL
R47[2:0]
MICP2BOOSTVOL
R47[6:4]
INPPGAMUTE
R45[6]
PGABOOST
R47[8]
-12dB to + 6dB
-12dB to + 6dB
0dB or +20dB
Figure 8 Input Boost Stage
The input PGA path can have a +20dB boost (PGABOOST=1) a 0dB pass through (PGABOOST=0)
or be completely isolated from the input boost circuit (INPPGAMUTE=1).
REGISTER
ADDRESS
BIT
LABEL
DEFAUL
T
DESCRIPTION
R45
Input PGA gain
control
6
INPPGAMUTE
1
Mute control for input PGA:
0=Input PGA not muted, normal operation
1=Input PGA muted (and disconnected from
the following input BOOST stage).
R47
Input BOOST
control
8
PGABOOST
0
0 = PGA output has +0dB gain through input
BOOST stage.
1 = PGA output has +20dB gain through
input BOOST stage.
Table 6 Input BOOST Stage Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com