Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 67 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 67 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 68Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 69Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 70Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
WM8940
Rev 4.4
67
POP MINIMISATION
Power-On-Bias Control (POB_CTRL) selects the bias current source for the output stages of the
WM8940. 0 selects the VMID derived bias source (normal operation), 1 selects a non-VMID derived
source which allows the output amplifiers to be enabled before VMID at start-up. This feature can be
used to minimise pops. Once VMID is enabled and has stabilised, POBCTRL should be set to 0.
Register SOFT_START is the enable bit for the VMID soft-start function. Setting the bit to 1 causes
charging of the VMID decoupling cap to follow a soft-start profile which minimises pops. This soft-start
profile has minimal impact on VMID charge time.
Fast VMID discharge is enabled using TOGGLE. Setting to 1 opens a low impedance discharge path
from VMID to GND. This function can be used during power down to reduce the discharge time of the
VMID decoupling cap. Must be set to 0 for normal operation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
Control
6
POB_CTRL
0
Power on Bias Control
0=normal (current bias based on VMID)
1=Startup (current bias not based on
VMID)
5
SOFT_START
0
VMID Soft Start
0=disabled
1=enabled
4
TOGGLE
0
Fast VMID Discharge
0=normal
1=enable (used during power-down)
Table 60 POP Minimisation Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com