Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 58 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 58 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 54Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 55Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 56Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 57Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 58Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 59Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 60Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 61Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
WM8940
58
Rev 4.4
MCLK
(MHz)
DESIRED
OUTPUT
(MHz)
F2
(MHz)
PRESCALE
DIVIDE
POSTSCALE
DIVIDE
(MCLKDIV)
R
N
(Hex)
K
(Hex)
12
11.2896
90.3168
1
2
7.5264
7
86C226
12
12.2880
98.3040
1
2
8.192
8
3126E9
13
11.2896
90.3168
1
2
6.947446
6
F28BD4
13
12.2880
98.3040
1
2
7.561846
7
8FD525
14.4
11.2896
90.3168
1
2
6.272
6
45A1CA
14.4
12.2880
98.3040
1
2
6.826667
6
D3A06E
19.2
11.2896
90.3168
2
2
9.408
9
6872B0
19.2
12.2880
98.3040
2
2
10.24
A
3D70A3
19.68
11.2896
90.3168
2
2
9.178537
9
2DB492
19.68
12.2880
98.3040
2
2
9.990243
9
FD809F
19.8
11.2896
90.3168
2
2
9.122909
9
1F76F8
19.8
12.2880
98.3040
2
2
9.929697
9
EE009E
24
11.2896
90.3168
2
2
7.5264
7
86C226
24
12.2880
98.3040
2
2
8.192
8
3126E9
26
11.2896
90.3168
2
2
6.947446
6
F28BD4
26
12.2880
98.3040
2
2
7.561846
7
8FD525
27
11.2896
90.3168
2
2
6.690133
6
BOAC93
27
12.2880
98.3040
2
2
7.281778
7
482296
Table 49 PLL Frequency Examples
COMPANDING
The WM8940 supports A-law and
-law companding on both transmit (ADC) and receive (DAC) sides.
Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate value to
the DAC_COMP or ADC_COMP register bits respectively. If packed mode companding is desired the
WL8 register bit is available. It will override the normal audio interface WL bits to give an 8-bit word
length. Refer to Table 43 Audio Interface Control for setting the output word length.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Companding
control
6
DAC_LOOPBACK
0
Digital loopback function
0=No DAC loopback
1=Loopback enabled, DAC audio interface
output is fed directly into ADC audio
interface input.
4:3
DAC_COMP
0
DAC decompanding
00=off
01=reserved
10=µ-law
11=A-law
2:1
ADC_COMP
0
ADC companding
00=off
01=reserved
10=µ-law
11=A-law
0
ADC_LOOPBACK
0
Digital loopback function
0=No ADC loopback
1=Loopback enabled, ADC data output is
fed directly into DAC data input.
Table 50 Companding Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com