Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 61 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 61 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 57Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 58Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 59Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 60Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 61Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 62Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
WM8940
Rev 4.4
61
CONTROL INTERFACE
SELECTION OF CONTROL MODE AND 2-WIRE MODE ADDRESS
The control interface can operate as either a 3-wire or 2-wire interface. The MODE pin determines the
2 or 3 wire mode as shown in Table 53.
The WM8940 is controlled by writing to registers through a serial control interface. A control word
consists of 24 bits. The first 7 bits (B23 to B16) are address bits that select which control register is
accessed. The remaining 16 bits (B15 to B0) are register bits, corresponding to the 16 bits in each
control register.
MODE
INTERFACE FORMAT
Low
2 wire
Hi-Z
3 wire
High
3 wire
Table 53 Control Interface Mode Selection
USE OF MODE AS A GPIO PIN IN 3-WIRE MODE
In 3-wire mode, MODE can be used as a GPIO pin. If MODE is being used as a GPIO output, the
partner device doesn’t have to drive MDE - the pin will be pulled-up internally causing 3-wire mode will
be selected. The GPIO function is enabled by setting the MODE_GPIO register bit. The MODE pin
can then be controlled using the GPIO register bits as described in Table 52.
To use MODE as a GPIO input, MODE must be undriven or driven high at start-up. Specifically
MODE must be high or hi-Z during an initial write to the control interface which sets the MODE_GPIO
register bit. After MODE_GPIO has been set, 3-wire mode selection is overridden internally and the
MODE pin can be used freely as a GPIO input or output.
MODE PAD
WM8940
CLOCK_IN
Partner
Device
DIGITAL CORE
DFF
D
ENB
Vdd
GPIO_OE
GPIO_OUT
MODE
Pull up holds
interface in 3
wire mode if
MODE is an
input.
Register write
used to enable
MODE as an
output. Standard
GPIO logic used
to select clock
out.
Pull up is
disabled when
MODE
becomes
output
OR gate ensures
that clock being
output does not
affect the internal
version of MODE
Figure 33 Example Usage of MODE Pin to Generate a Clock out in 3-wire Mode
This example shows how the MODE_GPIO register bit interfaces to the MODE pad in the case there
MODE is used as a GPIO output. When MODE_GPIO is set, the internal version of MODE is
overridden to high and the MODE pin output driver is enabled. The pull up, which is used to default 3-
wire mode at start-up, is disabled as a power saving measure. MODE_GPIO cannot be set in 2-wire
m
–de – this would prevent correct operation of the control interface. Internal timing is arranged to
ensure that the override is in place before the pull-up is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com