Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 64 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 64 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 60Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 61Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 62Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
WM8940
64
Rev 4.4
Power-On Reset (POR) circuit which ensures that the registers are set to default when the device is
powered up.
POWER SUPPLIES
The WM8940 requires four separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A larger AVDD slightly
improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono output
drivers. SPKVDD can range from 2.5V to 3.6V. SPKVDD can be tied to AVDD, but it requires
separate layout and decoupling capacitors to curb harmonic distortion. With a larger SPKVDD, louder
headphone and speaker outputs can be achieved with lower distortion. If SPKVDD is lower than
AVDD, the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.71V to 3.6V, and has no effect on audio quality. The return path for DCVDD
is DGND, which is shared with DBVDD.
DBVDD can range from 1.71V to 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out of
the analogue signal paths.
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8940/WM8941 device
is powered up and down using one of the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Enable non-VMID derived bias generator (VMID_OP_EN = 1) and level shifters
(LVLSHIFT_EN = 1).
4.
Enable DAC soft mute (DACMU = 1).
5.
Select Clock source to MCLK (CLKSEL = 0) and audio mode (Master or Slave).
6.
Enable Power on Bias Control (POB_CTRL = 1) and VMID soft start (SOFT_START = 1).
7.
Enable speaker outputs (SPKPEN = 1, SPKNEN = 1) and wait for outputs to settle.
8.
Set VMIDSEL[1:0] bits for
50kΩ reference string impedance.
9.
Wait for the VMID supply to settle. *Note 2.
10.
Enable analogue amplifier bias control (BIASEN = 1) and VMID buffer (BUFIOEN = 1).
*Notes 1 and 2.
11.
Disable Power on Bias Control (POB_CTRL = 0) and VMID soft start (SOFT_START = 0).
12.
Enable DAC (DACEN =1) and Speaker Mixer (SPKMIXEN = 1).
13.
Enable output of DAC to speaker mixer (DAC2SPK = 1).
14.
Disable speaker mute (SPKMUTE = 0) and set SPKVOL = -57dB.
15.
Ramp up the SPKVOL using the following values:
16.
-27 dB, -21 dB, -15 dB, -13 dB, -11 dB, -9 dB, -8 dB, -7 dB, -6 dB, -5 dB, -4 dB, -3 dB, -2
dB, -1 dB, 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com