Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 52 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 52 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 48Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 49Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 50Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 51Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 52Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 53Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 54Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 55Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
WM8940
52
Rev 4.4
LEFT
PHASE
RIGHT
PHASE
FRAME
BCLK
DACDAT /
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
Figure 26 Right Justified Audio Interface (assuming n-bit word length)
In I2S mode, the MSB is available on the second rising edge of BCLK following a FRAME transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
LEFT
PHASE
RIGHT
PHASE
FRAME
BCLK
DACDAT
/ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
Figure 27 I2S Audio Interface (assuming n-bit word length)
In DSP/PCM mode, the left channel MSB is available on either the 1st (Mode B) the 2nd (Mode A)
rising edge of BCLK (selectable by FRAMEP) following a rising edge of FRAME. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
FRAMEP should be set to 0 in this mode.
FRAME
BCLK
DACDAT /
ADCDAT
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
Input Word Length (WL)
1/fs
Figure 28 DSP/PCM Mode Audio Interface (Mode A, FRAMEP=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com