Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 42Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 43Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 44Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 45Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 46Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 47Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 48Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 49Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
WM8940
46
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R50
Speaker mixer
control
5
AUX2SPK
0
Output of auxiliary amplifier to speaker
mixer input
0 = not selected
1 = selected
1
BYP2SPK
0
Bypass path (output of input boost
stage) to speaker mixer input
0 = not selected
1 = selected
0
DAC2SPK
0
Output of DAC to speaker mixer input
0 = not selected
1 = selected
R54
Bypass path
attenuation
control
8
SPKATTN
0
Attenuation control for bypass path
(output of input boost stage) to speaker
mixer input
0 = 0dB
1 = -10dB
Table 34 Speaker Mixer Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54
Speaker
volume control
7
SPKZC
0
Speaker Volume control zero cross
enable:
1 = Change gain on zero cross only
0 = Change gain immediately
6
SPKMUTE
1
Speaker output mute enable
0=Speaker output enabled
1=Speaker output muted (VMIDOP)
5:0
SPKVOL
[5:0]
111001
(0dB)
Speaker Volume Adjust
111111 = +6dB
111110 = +5dB
… (1.0 dB steps)
111001=0dB
…
000000=-57dB
Table 35 SPKOUT Volume Control
ZERO CROSS TIMEOUT
A zero-cross timeout function is also provided so that if zero cross is enabled on the input or output
PGAs the gain will automatically update after a timeout period if a zero cross has not occurred. This is
enabled by setting SLOWCLKEN. The timeout period is either 31Hz or 47Hz.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7
Additional
control
0
SLOWCLKEN
0
Slow clock enable. Used for both the jack
insert detect de-bounce circuit and the
zero cross timeout.
0 = slow clock disabled
1 = slow clock enabled
Table 36 Timeout Clock Enable Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com