Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 10Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 11Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 12Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 13Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 14Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 15Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 16Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
WM8940
Rev 4.4
13
POWER CONSUMPTION
Typical current consumption for various scenarios is shown below.
MODE
AVDD
(3V3)
MA
SPKVDD
(3V3)
MA
DCVDD
(1.8V)
MA
DBVDD
(1.8V)
UA
TOTAL
POWER
(MW)
Power OFF (No Clocks)
0.038
0
0
0.2
0.126
Sleep (VMID maintained, No Clocks)
0.190
0
0
0.2
0.627
Mono Record (MIC input, +20dB gain, 8kHz,
quiescent) SLAVE
4.1
0
0.3
11
14.3
Mono Record (MIC input, +20dB gain, 44.1kHz,
PLL, quiescent) MASTER
5.3
0
1.9
115
21.0
Mono 16Ω Headphone Playback (0.1mW, 1kHz
sine wave, ac coupled) SLAVE
2.8
1.5
1.6
3.7
17.1
Mono 8Ω BTL speaker Playback (44.1kHz,
200mW, 1kHz sine wave) SLAVE
2.8
62
1.6
3.8
216.8
Mono 8Ω BTL speaker Playback (44.1kHz, PLL,
quiescent) MASTER
3.9
1.5
1.8
81
21.1
Table 1 Power Consumption
Note: Power consumption figures include any power dissipated in the load (e.g. in the headphone or speaker)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com