Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 41 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 41 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 37Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 38Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 39Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 40Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 41Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 42Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 43Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 44Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
WM8940
Rev 4.4
41
OUTPUT SIGNAL PATH
The WM8940 output signal paths consist of digital application filters, up-sampling filters, a hi-fi DAC,
analogue mixers, speaker and mono output drivers. The digital filters and DAC are enabled by bit
DACEN. The mixers and output drivers can be separately enabled by individual control bits (see
Analogue Outputs). Thus it is possible to utilise the analogue mixing and amplification provided by the
WM8940, irrespective of whether the DACs are running or not.
The WM8940 DAC receives digital input data on the DACDAT pin. The digital filter block processes
the data to provide the following functions:
▪
Digital volume control
▪
A digital peak limiter.
▪
Sigma-Delta Modulation
The high performance sigma-delta audio DAC converts the digital data into an analogue signal.
DIGITAL
AUDIO
INTERFACE
DIGITAL
GAIN
DIGITAL
FILTERS
INTERP
SDM
DAC
DIGITAL
PEAK
LIMITER
DAC DIGITAL FILTERS
Figure 19 DAC Digital Filter Path
The analogue output from the DAC can then be mixed with the AUX analogue input and the ADC
analogue input. The mix is fed to the output drivers, SPKOUTP/N, and MONOOUT.
MONOOUT: can drive a 16
 or 32 headphone or line output or can be a buffered version of VMID
(When MONOMUTE=1).
SPKOUTP/N: can drive a 16
 or 32 stereo headphone or stereo line output, or an 8 BTL mono
speaker.
DIGITAL HI-FI DAC VOLUME CONTROL
The signal volume from each hi-fi DAC can be controlled digitally. The gain and attenuation range is
–
127dB to 0dB in 0.5dB steps. The level of attenuation for an eight-bit code X is given by:
0.5
 (X-255) dB for 1  X  255;
MUTE for X = 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11
DAC Digital
Volume
7:0
DACVOL
[7:0]
11111111
( 0dB )
DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Table 29 DAC Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com