Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 54 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 54 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 50Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 51Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 52Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 53Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 54Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 55Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 56Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 57Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
WM8940
54
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
DLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=DAC data appear in ‘left’ phase of
FRAME
1=DAC data appears in ‘right’ phase of
FRAME
1
ALRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of FRAME clock:
0=ADC data appear in ‘left’ phase of
FRAME
1=ADC data appears in ‘right’ phase of
FRAME
R5
Companding
Control
5
WL8
0
8 Bit Word Length Enable
Only recommended for use with
companding
0=Word Length controlled by WL
1=8 bits
Table 43 Audio Interface Control
Note: Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6
Clock
generation
control
8
CLKSEL
1
Controls the source of the clock for all
internal operation:
0=MCLK
1=PLL output
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or
PLL clock output (under control of
CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
4:2
BCLKDIV
000
Configures the BCLK and FRAME output
frequency, for use when the chip is master
over BCLK.
000=divide by 1 (BCLK=MCLK)
001=divide by 2 (BCLK=MCLK/2)
010=divide by 4
011=divide by 8
100=divide by 16
101=divide by 32
110=reserved
111=reserved
0
MS
0
Sets the chip to be master over FRAME
and BCLK
0=BCLK and FRAME clock are inputs
1=BCLK and FRAME clock are outputs
generated by the WM8940 (MASTER)
Table 44 Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com