Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 61Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 62Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 68Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
WM8940
Rev 4.4
65
17.
Disable DAC soft mute (DACMU = 0).
Power Down:
1.
Enable DAC soft mute (DACMU = 1).
2.
Enable non-VMID derived bias generator (VMID_OP_EN = 1).
3.
Enable on Bias Control (POB_CTRL = 1).
4.
Disable analogue amplifier bias control (BIASEN = 0) and VMID (VMIDSEL[1:0] bits set to
OFF).
5.
Enable Fast VMID Discharge (TOGGLE = 1) to discharge VMID capacitor.
6.
Wait for VMID capacitor to fully discharge.
7.
Enable speaker output mute (SPKMUTE = 1).
8.
Disable DAC (DACEN = 0), speaker mixer (SPKMIX = 0), and speaker outputs (SPKPEN =
0 and SPKNEN = 0).
9.
Reset all registers to their default state (software reset).
10.
Turn off external power supply voltages.
Notes:
1.
This step enables the internal device bias buffer and the VMID buffer for unassigned
inputs/outputs. This will provide a startup reference for all inputs and outputs. This will
cause the inputs and outputs to ramp towards VMID in a way that is controlled and
predictable.
2.
Choose the value of VMIDSEL bits based on the startup time (VMIDSEL = 10 for the
slowest startup, VMIDSEL = 11 for the fastest startup). Startup time is defined by the value
of the VMIDSEL bits (the reference impedance) and the external decoupling capacitor on
VMID.
In addition to the power on sequence, it is recommended that the zero cross functions are used when
changing the volume in the PGAs to avoid any audible pops and clicks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com