Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 6Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 10Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 11Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 12Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 13Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
WM8940
10
Rev 4.4
Test Conditions
DCVDD = 1.8V, AVDD = DBVDD = 3.3V, SPKVDD =3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, 24-bit audio data unless otherwise
stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital to Analogue Converter (DAC) to MONO Output with 10k
 / 50pF load and DACVOL 0dB
Full-scale output 1
DACVOL = 0dB
AVDD/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD=SPKVDD=3.3V
93
98
dB
Total Harmonic Distortion 4
THD
0dBFS input
AVDD=SPKVDD=3.3V
-80
-75
dBFS
Total Harmonic Distortion + Noise 5
THD+N
0dBFS input
AVDD=SPKVDD=3.3V
-78
-74
dBFS
Channel Separation 6
1kHz signal
100
dB
MICP and MICN input PGA to input boost stage into 10k
 / 50pF load on SPKOUTP and SPKOUTP
INPPGAVOL, PGABOOST = 0dB
Full-scale output voltage, 0dB gain
SPKVDD/3.3
Vrms
Signal to Noise Ratio 3
SNR
A-weighted
AVDD=SPKVDD=3.3V
94
99
dB
Total Harmonic Distortion 4
THD
full-scale signal
AVDD=SPKVDD=3.3V
-90
-85
dBFS
Total Harmonic Distortion + Noise 5
THD+N
full-scale signal
AVDD=SPKVDD=3.3V
-87
-82
dBFS
Channel Separation 6
100
dB
DAC to Speaker Output (SPKOUTP, SPKOUTN with 8
 bridge tied load) Bypass mode
Output Power
Po
Output power is closely correlated with THD see below
Total Harmonic Distortion 4
THD
Po=350mW, RL = 8
Ω
SPKVDD=3.3V
0.03
-70
-60
%
dB
Signal to Noise Ratio 3
SNR
A-weighted
SPKVDD=3.3V
93.5
98
dB
Power Supply Rejection Ratio
(50Hz-22kHz)
PSRR
RL = 8 BTL
50
dB
AUX In to Headphone Output (SPKOUTP, SPKOUTN with 16R resistive load to GND) Bypass mode
Signal to Noise Ratio 3
SNR
A-weighted
SPKVDD=3.3V
95
99
dB
Total Harmonic Distortion 4
THD
Po=20mW, RL = 16
Ω
SPKVDD=3.3V
0.02
-74
-67
%
dB
Microphone Bias
Bias Voltage
MBVSEL=0
0.9*AVDD
V
MBVSEL=1
0.65*AVDD
V
Bias Current Source
for VMICBIAS within +/-3%
3
mA
Output Noise Voltage
1kHz to 20kHz
15
nV/
Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOH-1mA
0.1xDBVDD
V
Input Capacitance
All digital pins
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com