Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 62Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 68Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 69Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
WM8940
66
Rev 4.4
POWER MANAGEMENT
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance of
the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
start-up time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL
00
Reference string impedance to VMID pin
(determines startup time):
00=off (open circuit)
01=50k
Ω
10=250k
Ω
11=5k
Ω (for fastest startup)
Table 57 VMID Impedance Control
BIASEN
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Table 58 BIASEN Control
ESTIMATED SUPPLY CURRENTS
When either the DAC or ADC are enabled it is estimated that approximately 4mA will be drawn from
DCVDD when fs=48kHz (This will be lower at lower sample rates). When the PLL is enabled an
additional 700 microamps will be drawn from DCVDD.
Table 59 shows the estimated 3.3V AVDD current drawn by various circuits, by register bit.
REGISTER BIT
AVDD CURRENT (MILLIAMPS)
MONOEN
0.2mA
PLLEN
1.4mA (with clocks applied)
MICBEN
0.5mA
BIASEN
0.3mA
BUFIOEN
0.1mA
VMIDSEL
10K=>0.3mA, less than 0.1mA for 100k/500k
BOOSTEN
0.2mA
INPPGAEN
0.2mA
ADCEN
2.6mA
MONOEN
0.2mA
SPKPEN
1mA from SPKVDD
SPKNEN
1mA from SPKVDD
MONOMIXEN
0.2mA
SPKMIXEN
0.2mA
DACEN
1.8mA
Table 59 AVDD Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com