Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8940CGEFL/V Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8940CGEFL/V
Description  Mono CODEC with Speaker Driver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8940CGEFL/V Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8940CGEFL/V Datasheet HTML 43Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 44Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 45Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 46Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 47Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 48Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 49Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 50Page - Cirrus Logic WM8940CGEFL/V Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
WM8940
Rev 4.4
47
MONO MIXER AND OUTPUT
The MONOOUT pin can drive a 16
 or 32 headphone or a line output or be used as a DC reference
for a headphone output (see Headphone Output section). It can be selected to drive out any
combination of DAC, Bypass (output of input BOOST stage) and AUX. This output is enabled by
setting bit MONOEN.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R56
Mono mixer
control
7
MONOATTN
0
Attenuation control for bypass path
(output of input boost stage) to mono
mixer input
0 = 0dB
1 = -10dB
6
MONOMUTE
0
0=No mute
1=Output muted. During mute the
mono output will output VMID which can
be used as a DC reference for a
headphone out.
2
AUX2MONO
0
Output of Auxilary amplifier to mono
mixer input:
0 = not selected
1 = selected
1
BYP2MONO
0
Bypass path (output of input boost
stage) to mono mixer input
0 = non selected
1 = selected
0
DAC2MONO
0
Output of DAC to mono mixer input
0 = not selected
1 = selected
Table 37 Mono Mixer Control
ENABLING THE OUTPUTS
Each analogue output of the WM8940 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8940 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0
), as this may cause pop noise (see “POP Minimisation” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifiers bias enable
2
BUFIOEN
0
VMID buffer enable
R3
Power
management 3
7
MONOEN
0
MONOOUT enable
6
SPKNEN
0
SPKOUTN enable
5
SPKPEN
0
SPKOUTP enable
3
MONOMIXEN 0
Mono mixer enable
2
SPKMIXEN
0
Speaker Mixer enable
Note:
All “Enable” bits are 1 = ON, 0 = OFF
Table 38 Output Stages Power Management Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com