Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 145 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 145 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 141Page - STMicroelectronics STM32U575VG Datasheet HTML 142Page - STMicroelectronics STM32U575VG Datasheet HTML 143Page - STMicroelectronics STM32U575VG Datasheet HTML 144Page - STMicroelectronics STM32U575VG Datasheet HTML 145Page - STMicroelectronics STM32U575VG Datasheet HTML 146Page - STMicroelectronics STM32U575VG Datasheet HTML 147Page - STMicroelectronics STM32U575VG Datasheet HTML 148Page - STMicroelectronics STM32U575VG Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 329 page
background image
DS13737 Rev 6
145/329
STM32U575xx
Electrical characteristics
294
Figure 25. STM32U575xQ power supply scheme (with SMPS)
Note:
SMPS and LDO regulators provide, in a concurrent way, the VCORE supply depending on
application requirements. However, only one of them is active at the same time. When
SMPS is active, it feeds the VCORE on the two VDD11 pins supplied by the filtered SMPS
VLXSMPS output pin. A 2.2 µH coil and a 2.2 µF capacitor on each VDD11 pin are then
required. When LDO is active, it supplies the VCORE and regulates it using the same
decoupling capacitors on VDD11 pins. It is recommended to add a decoupling capacitor of
100 nF near each VDD11 pin/ball, but it is not mandatory.
MSv64359V3
VDDIO2
VDD
Kernel logic
(CPU, digital
and memories)
I/O
logic
Backup circuitry
(LSE, RTC, TAMP,
backup registers,
backup SRAM)
IN
OUT
GPIOs
1.65 – 3.6 V
IN
OUT
GPIOs
n x 100 nF
+ 10 μF
m x100 nF
I/O
logic
+ 4.7 μF
m x VDDIO2
m x VSS
n x VSS
n x VDD
VBAT
VCORE
Power switch
VDDIO2
VDDIO1
ADCs/
DACs/
OPAMPs/
COMPs/
VREFBUF
VREF+
VREF-
VDDA
100 nF
+ 1 μF
VDDA
VSSA
VREF
100 nF+ 1 μF
VSSSMPS
2 x VDD11
VLXSMPS
VDDSMPS
VDD
2.2 μH
2 x 2.2 μF
10 μF
SMPS ON
SMPS OFF
LDO
SMPS
VDDUSB
100 nF
Voltage regulator
VDDUSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com