Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 145Page - STMicroelectronics STM32U575VG Datasheet HTML 146Page - STMicroelectronics STM32U575VG Datasheet HTML 147Page - STMicroelectronics STM32U575VG Datasheet HTML 148Page - STMicroelectronics STM32U575VG Datasheet HTML 149Page - STMicroelectronics STM32U575VG Datasheet HTML 150Page - STMicroelectronics STM32U575VG Datasheet HTML 151Page - STMicroelectronics STM32U575VG Datasheet HTML 152Page - STMicroelectronics STM32U575VG Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 329 page
background image
DS13737 Rev 6
149/329
STM32U575xx
Electrical characteristics
294
VIN
I/O input voltage
All I/Os except FT_c and
TT_xx pins
-0.3
-
Min(min(VDD, VDDA, VDDUSB,
VDDIO2) +3.6, 5.5)(4)(5)
V
Input voltage on FT_t pins
in VBAT mode
-0.3
-
Min(min(VBAT, VDDA,
VDDUSB, VDDIO2)+ 3.6,
5.5)(4)(5)
FT_c I/Os
-0.3
-
5.0
TT_xx I/Os
-0.3
-
VDDIOx + 0.3
VCORE
Internal regulator
ON
Range 1
1.15
1.21
1.27
Range 2
1.05
1.1
1.15
Range 3
0.95
1.0
1.05
Range 4
0.81
0.9
0.99
fHCLK
AHB clock
frequency
Range 1
-
-
160
MHz
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
fPCLKx
(x = 1, 2, 3)
APB1, APB2,
APB3 clock
frequency
Range 1
-
-
160
Range 2
-
-
110
Range 3
-
-
55
Range 4
-
-
25
PD
Power dissipation
at TA = 85 °C
for suffix 6(6)
LQFP48
See Section 6.9: Package thermal
characteristics for application appropriate
thermal resistance and package. The power
dissipation is then calculated according to
ambient temperature (TA) and maximum
junction temperature (TJ) and selected thermal
resistance.
mW
UFQFPN48
LQFP64
WLCSP90
LQFP100
UFBGA132
LQFP144
UFBGA169
PD
Power dissipation
at TA = 125 °C
for suffix 3(6)
LQFP48
See Section 6.9: Package thermal
characteristics for application appropriate
thermal resistance and package. The power
dissipation is then calculated according
ambient temperature (TA) and maximum
junction temperature (TJ) and selected thermal
resistance.
UFQFPN48
LQFP64
WLCSP90
LQFP100
UFBGA132
LQFP144
UFBGA169
Table 32. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com