Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U575VG Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32U575VG
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U575VG Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32U575VG Datasheet HTML 146Page - STMicroelectronics STM32U575VG Datasheet HTML 147Page - STMicroelectronics STM32U575VG Datasheet HTML 148Page - STMicroelectronics STM32U575VG Datasheet HTML 149Page - STMicroelectronics STM32U575VG Datasheet HTML 150Page - STMicroelectronics STM32U575VG Datasheet HTML 151Page - STMicroelectronics STM32U575VG Datasheet HTML 152Page - STMicroelectronics STM32U575VG Datasheet HTML 153Page - STMicroelectronics STM32U575VG Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 329 page
background image
Electrical characteristics
STM32U575xx
150/329
DS13737 Rev 6
5.3.2
Operating conditions at power-up/power-down
The parameters given in the table below are derived from tests performed under the
ambient temperature condition summarized in Table 32.
5.3.3
Embedded reset and power control block characteristics
The parameters given in the table below are derived from tests performed under the
ambient temperature conditions summarized in Table 32.
TA
Ambient
temperature
for suffix 6
Maximum power
dissipation
–40
85
°C
Low-power dissipation(7)
–40
105
Ambient
temperature
for suffix 3
Maximum power
dissipation
–40
125
Low-power dissipation(7)
–40
130
TJ
Junction
temperature range
Suffix 6 version
–40
105
Suffix 3 version
–40
130
1. HSLV means high-speed low-voltage mode (refer to the GPIO section of the product reference manual).
2. When RESET is released, the functionality is guaranteed down to VBORx min.
3. In VBAT mode, the functionality is guaranteed down to VBOR_VBAT min.
4. This formula has to be applied only on the power supplies related to the I/O structure described by the pin definition table.
The maximum I/O input voltage is the smallest value between Min (VDD, VDDA, VDDUSB, VDDIO2)+3.6 V, and 5.5V.
5. For operation with voltage higher than Min (VDD, VDDA, VDDUSB, VDDIO2) +0.3 V, the internal pull-up and pull-down resistors
must be disabled.
6. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Section 6.9: Package thermal
characteristics).
7. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJ max (see Section 6.9:
Package thermal characteristics).
Table 32. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 33. Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise-time rate
-
0
∞
µs/V
VDD fall-time rate
ULPMEN = 0 (default value)
20
∞
Standby mode with ULPMEN = 1
250
∞
ms/V
Table 34. Embedded reset and power control block characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after BOR0 is
detected
VDD rising
-
-
900
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com